Electronic Components Datasheet Search
  English  ▼

X  

FXLS90630 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FXLS90630
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90630 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FXLS90630 Datasheet HTML 64Page - NXP Semiconductors FXLS90630 Datasheet HTML 65Page - NXP Semiconductors FXLS90630 Datasheet HTML 66Page - NXP Semiconductors FXLS90630 Datasheet HTML 67Page - NXP Semiconductors FXLS90630 Datasheet HTML 68Page - NXP Semiconductors FXLS90630 Datasheet HTML 69Page - NXP Semiconductors FXLS90630 Datasheet HTML 70Page - NXP Semiconductors FXLS90630 Datasheet HTML 71Page - NXP Semiconductors FXLS90630 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
11.2.16.4 Background diagnostic mode fragment size (BDM_FRAGSIZE)
The background diagnostic mode fragment size bit sets the number of background
diagnostic command bits and response chips to be sent per Periodic Data Collection
Mode sampling period.
BDM_
FRAGSIZE
BDM command fragment size
(Bits)
BDM response fragment size
(Chips)
0
2
3
1
4
6
Table 110. Background diagnostic mode fragment size (BDM_FRAGSIZE)
In SPI and I2C mode, the BDM_FRAGSIZE bit is readable and writable, but has no
impact on device operation or performance.
In PSI5 mode, the BDM_FRAGSIZE bit is readable and writable, but has no impact on
device operation or performance.
11.2.16.5 Background diagnostic mode enable (BDM_EN)
The background diagnostic mode enable bit enables background diagnostic mode as
described in Table 111. See Section 12.4 for details regarding background diagnostic
mode.
BDM_EN
Background diagnostic mode
0
Disabled
1
Enabled
Table 111. Background diagnostic mode enable (BDM_EN)
In SPI and I2C mode, the BDM_EN bit is readable and writable, but has no impact on
device operation or performance.
In PSI5 mode, the BDM_EN bit is readable and writable, but has no impact on device
operation or performance.
11.2.17 PSI5 configuration register (PSI5_CFG)
The PSI5 configuration register is a user programmable OTP register that contains PSI5
specific configuration information. This register is included in the read/write array error
detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
programming mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$25
PSI5_CFG
SYNC_PD
DAISY_CHAIN
PSI5_ILOW
RESERVED
EMSG_EXT
P_CRC
INIT2_EXT
ASYNC
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
1
0
0
Table 112. PSI5 configuration register (PSI5_CFG)
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
68 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com