Electronic Components Datasheet Search
  English  ▼

X  

FXLS90630 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FXLS90630
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90630 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FXLS90630 Datasheet HTML 10Page - NXP Semiconductors FXLS90630 Datasheet HTML 11Page - NXP Semiconductors FXLS90630 Datasheet HTML 12Page - NXP Semiconductors FXLS90630 Datasheet HTML 13Page - NXP Semiconductors FXLS90630 Datasheet HTML 14Page - NXP Semiconductors FXLS90630 Datasheet HTML 15Page - NXP Semiconductors FXLS90630 Datasheet HTML 16Page - NXP Semiconductors FXLS90630 Datasheet HTML 17Page - NXP Semiconductors FXLS90630 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
10.1 Maximum ratings
Maximum ratings are the extreme limits to which the device can be exposed without
permanently damaging it.
#
Rating
Symbol
Value
Unit
Test
notes
Supply Voltage (BUS_I/VCC, IDATA, BUS_O)
3381
Reverse Current externally limited to ≤ 160 mA, t ≤ 100 ms
BUS_IREV
–0.7
V
6
3383
Continuous
BUS_IMAX
+20.0
V
6
3384
VBUF
VBUFMAX
–0.3 to +7.0
V
6
3385
SCLK, SS_B, MOSI, MISO (High Z), PCM0/ARM0
VIOMAX
–0.3 to VBUF +0.3
V
6
3386
BUS_I/VCC, IDATA, and BUS_O Continuous Current
ISUPMAX
200
mA
6
3387
Powered Shock (six sides, 0.5 ms duration)
gpms
±2000
g
5
3390
Unpowered Shock (six sides, 0.5 ms duration)
gshock
±2000
g
5
3389
Powered Shock (six sides, 0.5 ms duration)
gpms
±4000
g
9
3388
Unpowered Shock (six sides, 0.5 ms duration)
gshock
±4000
g
9
3391
Drop Shock (to concrete, tile or steel surface, 10 drops, any orientation)
hDROP
1.5
m
5
Electrostatic Discharge (per AEC-Q100[4]), External Pins
3392
BUS_I/VCC, IDATA, BUS_O, BUSRTN, HBM (100 pF, 1.5 kΩ)
VESD
±4000
V
5
Electrostatic Discharge (per AEC-Q100[4])
3393
HBM (100 pF, 1.5 kΩ)
VESD
±2000
V
5
3395
CDM (R = 0 Ω)
VESD
±750
V
5
Temperature Range
3396
Storage
Tstg
–55 to +150
°C
5
3397
Junction
TJ
–55 to +150
°C
7
3400
Thermal Resistance
θJA
47
°C/W
7, 10
Table 12. Maximum ratings
10.2 Operating range - DSI / PSI5
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
3398
DSI3 Supply Voltage (VHIGH), Measured at BUS_I
*
VHIGH
—
20.0
V
5, 6, 7
10468
DSI3 Supply Voltage (VLOW) Measured at BUS_I
*
V LOW
4.0
—
—
V
1
10467
PSI5 Supply Voltage (Excluding Sync Pulse)
*
V PSI5
4.0
—
16.5
V
1
10466
Supply Voltage (Undervoltage)
V BUS_I_UV VBUS_I_UV_F
—
VLOW_min
V
3, 6
Programming Voltage (IPP ≤ 5 mA, 10 °C ≤ TA ≤ 40 °C)
10469
Applied to BUS_I
VPP
9.0
10.0
11.0
V
3, 6
ESD Operating Voltage (No Device Reset, CBUS_IN = 220 pF)
10470
Maximum ±15 kV Air Discharge, 330 pF, 2.0 kΩ
VBUS_I_ESD
V
BUS_I_LOW_min
—
10.0
V
7, 9
Table 13. Operating range - DSI / PSI5
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
14 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com