Electronic Components Datasheet Search
  English  ▼

X  

FXLS90630 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FXLS90630
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90630 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FXLS90630 Datasheet HTML 36Page - NXP Semiconductors FXLS90630 Datasheet HTML 37Page - NXP Semiconductors FXLS90630 Datasheet HTML 38Page - NXP Semiconductors FXLS90630 Datasheet HTML 39Page - NXP Semiconductors FXLS90630 Datasheet HTML 40Page - NXP Semiconductors FXLS90630 Datasheet HTML 41Page - NXP Semiconductors FXLS90630 Datasheet HTML 42Page - NXP Semiconductors FXLS90630 Datasheet HTML 43Page - NXP Semiconductors FXLS90630 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
UF2 – One Time User Programmable OTP Location Region 2
R/W – User Writable Register
11.1.3 User accessible data - sensor specific information
Bit
Type[1] Address Register
7
6
5
4
3
2
1
0
UF2
$40
CH0_CFG_U1
LPF[3:0]
SAMPLERATE[1:0]
USER_SNS_SHIFT[1:0]
UF2
$41
CH0_CFG_U2
U_SNS_MULT[7:0]
UF2
$42
CH0_CFG_U3
UNSIGN
EDDATA
DATATYPE0[1:0]
DATATYPE1[2:0]
MOVEAVG[1:0]
UF2
$43
CH0_CFG_U4
RESET_OC
INVERT
OC_FILT[1:0]
PCM
ARM_CFG[2:0]
UF2
$44
CH0_CFG_U5
ST_CTRL[3:0]
OC_LIMIT[2:0]
DSP_DIS
UF2
$45
CH0_ARM_
CFG
ARM_DS[1:0]
ARM_PS[1:0]
ARM_WS_N[1:0]
ARM_WS_P[1:0]
UF2
$46
CH0_ARM_T_P
ARM_T_P[7:0]
UF2
$47
CH0_ARM_T_N
ARM_T_N[7:0]
UF2
$48-$4F RESERVED
RESERVED
UF2
$50
OC_PHASE_
CFG
CH0_OCFINAL
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
UF2
$51-$54 RESERVED
RESERVED
UF2
$55
CH0_U_
OFFSET_L
CH0_U_OFFSET[7:0]
UF2
$56
CH0_U_
OFFSET_H
CH0_U_OFFSET[15:8]
UF2
$57-$5E RESERVED
RESERVED
F
$5F
CRC_UF2
LOCK_UF2
0
0
0
CRC_UF2[3:0]
R
$60
CH0_STAT
SIGNALCLIP
OCPHASE[2:0]
ST_INCMPLT
ST_ACTIVE
OFFSET_ERR
ST_ERROR
R
$61
DEVSTAT_
COPY
CH0_ERR
RESERVED
COMM_ERR
MEMTEMP_
ERR
SUPPLY_ERR
TESTMODE
DEVRES
DEVINIT
R
$62
CH0_
SNSDATA0_L
CH0_SNSDATA0[7:0]
R
$63
CH0_
SNSDATA0_H
CH0_SNSDATA0[15:8]
R
$64
CH0_
SNSDATA1_L
CH0_SNSDATA1[7:0]
R
$65
CH0_
SNSDATA1_H
CH0_SNSDATA1[15:8]
R
$66 - $9F RESERVED
RESERVED
Table 46. User accessible data - sensor specific information
[1]
Memory Type Codes
R - Readable Register with No OTP
F – User Readable Register with OTP
UF0 – One Time User Programmable OTP Location Region 0
UF1 – One Time User Programmable OTP Location Region 1
UF2 – One Time User Programmable OTP Location Region 2
R/W – User Writable Register
11.1.4 User accessible data - sensor specific information
Bit
Type[1] Address Register
7
6
5
4
3
2
1
0
F
$A0
CH0_CFG_F
DEV_RANGE[3:0]
RESERVED
RESERVED
AXIS[1:0]
F
$A1
RESERVED
RESERVED
F
$A2
CH0_STL_P_L
CH0_STL_P[7:0]
F
$A3
CH0_STL_P_H
CH0_STL_P[15:8]
F
$A4
CH0_STH_P_L
CH0_STH_P[7:0]
Table 47. User accessible data - sensor specific information
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
40 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com