Electronic Components Datasheet Search
  English  ▼

X  

FXLS90733 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FXLS90733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90733 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FXLS90733 Datasheet HTML 44Page - NXP Semiconductors FXLS90733 Datasheet HTML 45Page - NXP Semiconductors FXLS90733 Datasheet HTML 46Page - NXP Semiconductors FXLS90733 Datasheet HTML 47Page - NXP Semiconductors FXLS90733 Datasheet HTML 48Page - NXP Semiconductors FXLS90733 Datasheet HTML 49Page - NXP Semiconductors FXLS90733 Datasheet HTML 50Page - NXP Semiconductors FXLS90733 Datasheet HTML 51Page - NXP Semiconductors FXLS90733 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
F_OTP_ERR
Error condition
0
No error detected
1
Error Detected in the Factory OTP Array
Table 62. NXP OTP array error (F_OTP_ERR)
11.2.2.17 User OTP array error (U_OTP_ERR)
The user OTP array error bit is set if a fault is detected in the user OTP array. This error
is cleared by a device reset. See Section 11.2.15.2 for details on a method to disable the
automatic clearing of this error in PSI5 mode.
U_OTP_ERR
Error condition
0
No error detected
1
Error Detected in the User OTP Array
Table 63. User OTP array error (U_OTP_ERR)
11.2.2.18 User read/write array error (U_RW_ERR)
When ENDINIT is set, an error detection is enabled for all user writable registers. The
error detection code is continuously calculated on the user writable registers and verified
against a previously calculated error detection code. If a mismatch is detected in the error
detection, the U_RW_ERR bit is set. This error is cleared by a read of the DEVSTAT2
register through any communication interface or on a data transmission that includes
the error in the status field. See Section 11.2.15.2 for details on a method to disable the
automatic clearing of this error in PSI5 mode.
U_RW_ERR
Error condition
0
No error detected
1
Error Detected in the User Read/Write Array
Table 64. User read/write array error (U_RW_ERR)
11.2.2.19 User OTP write in process status bit (U_W_ACTIVE)
The user OTP write in process status bit is set if a user initiated write to OTP is currently
in process. The U_W_ACTIVE bit is automatically cleared once the write to OTP is
complete.
U_W_ACTIVE
Status condition
0
No OTP Write in Process
1
OTP Write in Process
Table 65. User OTP write in process status bit (U_W_ACTIVE)
11.2.2.20 Channel 1 temperature sensor error (TEMP1_ERR)
The channel 1 temperature error bit is set if an over or under temperature condition exists
on channel 1. This error is cleared by a read of the DEVSTAT2 register through any
communication interface or on a data transmission that includes the error in the status
field. See Section 11.2.15.2 for details on a method to disable the automatic clearing of
this error in PSI5 mode.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
48 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com