Electronic Components Datasheet Search
  English  ▼

X  

FXLS90733 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # FXLS90733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90733 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button FXLS90733 Datasheet HTML 85Page - NXP Semiconductors FXLS90733 Datasheet HTML 86Page - NXP Semiconductors FXLS90733 Datasheet HTML 87Page - NXP Semiconductors FXLS90733 Datasheet HTML 88Page - NXP Semiconductors FXLS90733 Datasheet HTML 89Page - NXP Semiconductors FXLS90733 Datasheet HTML 90Page - NXP Semiconductors FXLS90733 Datasheet HTML 91Page - NXP Semiconductors FXLS90733 Datasheet HTML 92Page - NXP Semiconductors FXLS90733 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
OC_LIMIT[2:0]
Post PSI5 self-test offset limits
0x0
The post PSI5 self-test offset test is disabled.
0x1
± 2 LSB, 10-bit
0x2
± 4 LSB, 10-bit
0x3
± 6 LSB, 10-bit
0x4
± 8 LSB, 10-bit
0x5
± 10 LSB, 10-bit
0x6
± 12 LSB, 10-bit
0x7
± 14 LSB, 10-bit
Table 154. Offset cancellation test limit bits (OC_LIMIT[2:0])
11.2.27.3 DSP disable bit (DSP_DIS)
The DSP disable bit provides the option for the user to disable the clocking to the DSP if
sensor data from the associated channel is not used.
DSP_DIS
DSP status
0
DSP operational as specified
1
DSP clocking disabled. Sensor data is readable but will not be updated by the DSP
even when self-test is enabled
Table 155. DSP disable bit (DSP_DIS)
Care must be taken to ensure the DSP is not disabled for sources that are enabled.
11.2.28 Channel 0 and Channel 1 arming configuration registers (CH0_ARM_CFG,
CH1_ARM_CFG)
The arming configuration registers contain configuration information for the arming
function. The values in these registers are only relevant if the arming function is operating
in moving average mode, or count mode.
Note: The arming function is reset on a change to the CHx_ARM_CFG bits. This
includes the downsampling state and all history registers.
These registers can be written during initialization but are locked once the ENDINIT bit
is set. Refer to Section 11.2.6. The registers are included in the read/write array error
detection.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$45
CH0_ARM_CFG
ARM_DS[1:0]
ARM_PS[1:0]
ARM_WS_N[1:0]
ARM_WS_P[1:0]
$4D
CH1_ARM_CFG
ARM_DS[1:0]
ARM_PS[1:0]
ARM_WS_N[1:0]
ARM_WS_P[1:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 156. Channel 0 and Channel 1 arming configuration registers (CH0_ARM_CFG, CH1_ARM_CFG)
11.2.28.1 Arming function down sampling selection bits (ARM_DS[1:0])
The arming function down sampling selection bits select the down sample rate for the
arming function. See Section 11.9.4.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
89 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com