Electronic Components Datasheet Search
  English  ▼

X  

FXLS90733 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # FXLS90733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90733 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button FXLS90733 Datasheet HTML 82Page - NXP Semiconductors FXLS90733 Datasheet HTML 83Page - NXP Semiconductors FXLS90733 Datasheet HTML 84Page - NXP Semiconductors FXLS90733 Datasheet HTML 85Page - NXP Semiconductors FXLS90733 Datasheet HTML 86Page - NXP Semiconductors FXLS90733 Datasheet HTML 87Page - NXP Semiconductors FXLS90733 Datasheet HTML 88Page - NXP Semiconductors FXLS90733 Datasheet HTML 89Page - NXP Semiconductors FXLS90733 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.26.2 Signal inversion bit (INVERT)
The signal inversion bit provides the option to invert the polarity of the sensor signals as
shown in Table 149.
INVERT Acceleration
sensor data
Fixed pattern
self-test
Digital self-test
Analog self-test
Temperature
Positive
Self-Test:
Delta from Offset as
specified in Section 10
0
As shown in
Section 8.
Digital Self-Test
Activation results in
the values specified
in Section 10.8.
Negative
Self-Test:
Delta from Offset inverted
from the specified values
in Section 10.8 (Negative
Values)
Positive
Self-Test:
Delta from Offset inverted
from the specified values
in Section 10.8 (Negative
Values)
1
Inverted
polarity from
that shown
in Section 8
As specified in
Section 11.2.27.1
Digital Self-
Test Activation
results in the two's
complement of the
values specified in
Section 10.8.
Negative
Self-Test:
Delta from Offset as
specified in Section 10
As specified in
Section 11.7.2
Table 149. Signal inversion bit (INVERT)
11.2.26.3 Offset cancellation filter selection bits (OC_FILT[1:0])
The offset cancellation filter selection bits provide the option to bypass the offset
cancellation filter and the rate limiting for the associated channel. See Section 11.6.4.6
for details regarding offset cancellation.
OC_FILT[1]
OC_FILT[0]
Offset cancellation IIR filter
Offset cancellation
rate limiting
0
0
0.04 Hz
Enabled
0
1
0.04 Hz
Bypassed
1
0
0.005 Hz
Bypassed
1
1
Bypassed
Bypassed
Table 150. Offset cancellation filter selection bits (OC_FILT[1:0])
11.2.26.4 Arming pin configuration bits (ARM_CFG[2:0]) and PCM range selection bit (PCM)
The ARM configuration bits (ARM_CFG[2:0]) select the mode of operation for the arming
pins.
ARM_
CFG[2]
ARM_
CFG[1]
ARM_
CFG[0]
PCM
Operating mode
Output type
Reference
0
0
0
x
Arm/PCM Output
Disabled
High Impedance
0
0
1
0
Arm/PCM Output
Disabled
Driven Low
0
0
1
1
PCM Output
Digital Output
Section 11.8
0
1
0
x
Moving Average
Mode
Open-Drain, Active High with
Pull-down Current
Section 11.9.1
Table 151. Arming pin configuration bits (ARM_CFG[2:0]) and PCM range selection bit (PCM)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
86 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com