Electronic Components Datasheet Search
  English  ▼

X  

FXLS90733 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FXLS90733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90733 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FXLS90733 Datasheet HTML 8Page - NXP Semiconductors FXLS90733 Datasheet HTML 9Page - NXP Semiconductors FXLS90733 Datasheet HTML 10Page - NXP Semiconductors FXLS90733 Datasheet HTML 11Page - NXP Semiconductors FXLS90733 Datasheet HTML 12Page - NXP Semiconductors FXLS90733 Datasheet HTML 13Page - NXP Semiconductors FXLS90733 Datasheet HTML 14Page - NXP Semiconductors FXLS90733 Datasheet HTML 15Page - NXP Semiconductors FXLS90733 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
9.3 Pinning: DSI3 or PSI5 mode
BUSSW_L
BUS_O
TEST5
TEST1
TEST_MOSI
TEST4
TEST_MISO
TEST_SCLK
4
5
3
2
1
9
10
11
12
6
7
8
16
17
15 14 13
Transparent topview
FXLS9xxxx
terminal 1
index area
aaa-030598
Figure 10. Device pinout: DSI3 or PSI5 mode pinout
9.4 Pin description: DSI3 or PSI5 mode
Pin
Pin Name
Definition
Description
1
BUS_O
Supply Out
This pin is connected to the IDATA pin through an internal sense resistor
and provides the supply connection to the next slave in a daisy chain
configuration.
In DSI3 mode, an external capacitor must be connected between this pin and
VSS as shown in Figure 2.
In PSI5 mode, NXP recommends that this pin be unterminated. Optionally,
this pin can be connected to IDATA.
2, 4, 6, 12 TEST
Test Pin
NXP recommends that these pins be unterminated. Optionally, this pin can be
tied to VSS.
3, 5
BUSSW_L
Low Side Bus
Switch Driver
In PSI5 daisy chain mode, these pins are connected to the gate of an N-
channel FET which connects BUSRTN to the next slave in the daisy chain.
An external pulldown resistor is required on the gate of the N-channel FET
as shown in Figure 4. Note: both pins provide the identical function. It is
necessary to connect only one pin is to the bus switch gate.
If unused, or in DSI3 mode, NXP recommends that this pin be unterminated.
Optionally, this pin can be tied to VSS.
7, 14
BUSRTN/VSS Supply Return This pin is the supply return node.
8
TEST_SS_B Slave select
NXP recommends that this pin be unterminated. Optionally, this pin can be
connected to VBUF.
9
TEST_SCLK SPI Clock
NXP recommends that this pin be unterminated. Optionally, this pin can be
connected to VSS.
10
TEST_MOSI SPI Data In
NXP recommends that this pin be unterminated. Optionally, this pin can be
connected to VSS.
11
TEST_MISO SPI Data Out
This pin must be left unconnected.
Table 10. Device pinout: DSI3 or PSI5 mode pinout
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
12 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com