Electronic Components Datasheet Search
  English  ▼

X  

FXLS90733 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FXLS90733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90733 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FXLS90733 Datasheet HTML 59Page - NXP Semiconductors FXLS90733 Datasheet HTML 60Page - NXP Semiconductors FXLS90733 Datasheet HTML 61Page - NXP Semiconductors FXLS90733 Datasheet HTML 62Page - NXP Semiconductors FXLS90733 Datasheet HTML 63Page - NXP Semiconductors FXLS90733 Datasheet HTML 64Page - NXP Semiconductors FXLS90733 Datasheet HTML 65Page - NXP Semiconductors FXLS90733 Datasheet HTML 66Page - NXP Semiconductors FXLS90733 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Asynchronous mode
Synchronous mode
Daisy chain mode
Dual transmission mode
Source ID
Source
ID enable
(SIDx_EN) Transmission
time
Transmission
data
Transmission
time[1]
Transmitted
data[2]
Transmission
time
Transmitted
data
Transmission
time
Transmitted
data
0
NA
NA
SOURCEID_
0
1
tASYNC
CH0_SNSDATA0
PDCM_RSPST0
CH0_SNSDATA0
See
Section 13.8
CH0_SNSDATA0
PDCM_
RSPST0
CH1_
SNSDATA0,
CH0_SNSDATA0
See
Section 13.7
0
NA
NA
SOURCEID_
1
1
NA
NA
PDCM_RSPST1
CH0_SNSDATA1
NA
NA
NA
NA
0
NA
NA
SOURCEID_
2
1
NA
NA
PDCM_RSPST2
CH1_SNSDATA0
See
Section 13.8
CH1_SNSDATA0
NA
NA
0
NA
NA
SOURCEID_
3
1
NA
NA
PDCM_RSPST3
CH1_SNSDATA1
NA
NA
NA
NA
Table 94. PSI5 source identification (SOURCEID_x)
[1]
See Section 11.2.18.1 "Periodic data collection mode response start time (PDCM_RSPSTx[12:0])"
[2]
See Section 11.2.25.2 "Channel data type 0 selection bits (CHxDATATYPE0)" and Section 11.2.25.3 "Channel data type 1 selection bits
(CHxDATATYPE1)"
In I2C mode, the SOURCEID_x registers are readable and writable. See Section 15.6.3,
for details regarding the effect of the SIDx_EN bits.
11.2.14 Communication timing register (TIMING_CFG)
The communication timing configuration register is a user programmed read/write
register which contains user-specific con-figuration information for protocol timing. This
register is included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$22
TIMING_CFG
PDCM_PER[2:0]
OSCTRAIN_
SEL
CK_CAL_RST
CRM_PER[1:0]
CK_CAL_EN
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 95. Communication timing register (TIMING_CFG)
11.2.14.1 Periodic data collection mode period (PDCM_PER[3:0])
The periodic data collection mode period selection bits set the data collection mode
period to be used by the DSI3, SPI, PSI5, or I2C master as shown in Table 96. This value
is only necessary for oscillator training and is only used if the CK_CAL_EN bit is set in
the TIMING_CFG register.
PDCM_PER[2] PDCM_PER[1] PDCM_PER[0]
Periodic data collection mode period
0
0
0
100 µs
0
0
1
125 µs
0
1
0
250 µs
0
1
1
333 µs
1
0
0
500 µs
1
0
1
800 µs
Table 96. Periodic data collection mode period (PDCM_PER[3:0])
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
63 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com