Electronic Components Datasheet Search
  English  ▼

X  

FXLS93733 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FXLS93733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93733 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FXLS93733 Datasheet HTML 12Page - NXP Semiconductors FXLS93733 Datasheet HTML 13Page - NXP Semiconductors FXLS93733 Datasheet HTML 14Page - NXP Semiconductors FXLS93733 Datasheet HTML 15Page - NXP Semiconductors FXLS93733 Datasheet HTML 16Page - NXP Semiconductors FXLS93733 Datasheet HTML 17Page - NXP Semiconductors FXLS93733 Datasheet HTML 18Page - NXP Semiconductors FXLS93733 Datasheet HTML 19Page - NXP Semiconductors FXLS93733 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
VBUF External Capacitor
10525
Capacitance
CVBUF
100
1000
2000
nF
7, 9
10543
ESR (including interconnect resistance)
ESR
0
—
200
mΩ
7, 9
DSI3 VLOW Detection Threshold (Section 12.1.1)
VLOW_min ≤ (VBUS_I – VSS) ≤ VHIGH_max
10526
VLOW Detection Threshold
*
VDELTA_THRESH VHIGH
– 1.25
VHIGH
– 1.0
VHIGH–
0.75
V
3, 6
DSI3 Discovery Mode Current Sense (Section 12.2.3)
10527
Sense Resistor
RSENSE
1.0
1.3
3.0
Ω
6
10545
IRESP Detection Threshold (IBUS_O_q ≤ 24 mA)
IRESP_Offset
6
12
18
mA
3, 6
PSI5 Synchronization Pulse
VPSI5_min ≤ (VBUS_I – VSS) ≤ BUS_IMAX
10528
DC Sync Pulse Detection Threshold
ΔVSYNC
V PSI5+1.0 V PSI5+1.5 V PSI5+2.0
V
3, 6
10529
PSI5 Sync Pulse Pulldown Current
ISYNC_PD
—
IR_PSI5
—
mA
7
10530
Bus Switch Output High Voltage (BUSSW_L, ILoad = –100 µA)
VBUSSW_L_OH
VBUF
– 0.35
—
VBUF
V
3, 6
10546
Bus Switch Output Low Voltage (BUSSW_L, ILoad = 100 µA)
VBUSSW_L_OL
—
—
0.1
V
3, 6
10549
Open-Drain Output Pulldown Current (ARM0, ARM1, VARM = 1.5 V)
IODPD
10
20
100
µA
3, 6
10536
Open-Drain Output Pullup Current (ARM0, ARM1, VARM = 1.5 V)
IODPU
–100
–20
–10
µA
3, 6
Output High Voltage (MISO/SDA, PCM0/ARM0, PCM1/ARM1
21205
VBUF = VCC, ILoad = –1 mA
VOH
VBUF – 0.2
—
VBUF
V
3, 6
10547
VBUF internally regulated, ILoad = –1 mA
VOH_SAT
VBUF – 0.2
—
VBUF
V
3, 6
Output Low Voltage (MISO/SDA, PCM0/ARM0, PCM1/ARM1
10547
ILoad = 2 mA
VOL
—
—
0.4
V
3, 6
10537
Input High Voltage SS_B, SCLK/SCL, MOSI
VIH
2.0
—
—
V
3, 7
10560
Input Low Voltage SS_B, SCLK/SCL, MOSI
VIL
—
—
1.0
V
3, 7
10561
Input Voltage Hysteresis SS_B, SCLK, MOSI
VI_HYST
—
0.250
—
V
7
10562
Input Current High (at VIH) (SCLK/SCL, MOSI)
IIH
10
20
70
µA
6
10565
Input Current Low (at VIL) (SS_B)
IIL
–70
–20
–10
µA
6
10563
MISO Output Leakage
IMISO_Lkg
–10
—
10
µA
6
Table 15. Electrical characteristics - supply and I/O...continued
10.5 Electrical characteristics - temperature sensor signal chain
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
10520
Temperature Measurement Range
TRANGE
–50
—
+160
°C
7, 9
10559
Temperature Output at 25 °C
T25
83
93
103
LSB
6, 7
Table 16. Electrical characteristics - temperature sensor signal chain
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
16 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com