Electronic Components Datasheet Search
  English  ▼

X  

FXLS93733 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # FXLS93733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93733 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FXLS93733 Datasheet HTML 71Page - NXP Semiconductors FXLS93733 Datasheet HTML 72Page - NXP Semiconductors FXLS93733 Datasheet HTML 73Page - NXP Semiconductors FXLS93733 Datasheet HTML 74Page - NXP Semiconductors FXLS93733 Datasheet HTML 75Page - NXP Semiconductors FXLS93733 Datasheet HTML 76Page - NXP Semiconductors FXLS93733 Datasheet HTML 77Page - NXP Semiconductors FXLS93733 Datasheet HTML 78Page - NXP Semiconductors FXLS93733 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
ASYNC bit
SOURCEID
register
Transmitted data
Time slot
start time
Default start (PDCM_
RSPSTx[12:0] = 0x00)
SOURCEID_0
CH0_SNSDATA0
PDCM_
RSPST0[12:0]
Transmit Data with a start time of 20 µs
SOURCEID_1
CH0_SNSDATA1
PDCM_
RSPST1[12:0]
Transmit Data with a start time of 20 µs
SOURCEID_2
CH1_SNSDATA0
PDCM_
RSPST2[12:0]
Transmit Data with a start time of 20 µs
0
SOURCEID_3
CH1_SNSDATA1
PDCM_
RSPST3[12:0]
Transmit Data with a start time of 20 µs
Table 124. Asynchronous mode: Source ID response start time...continued
In SPI and I2C mode, the PDCM_RSPSTx registers are readable and writable, but have
no impact on device operation or performance.
11.2.18.2 Broadcast read command type selection bits (BRC_RSP[1:0])
The broadcast read command type selection bits select the broadcast read command
types that the device responds to for each Source ID as shown in Table 125:
BRC_RSP[1]
BRC_RSP[0]
Response
0
0
Respond to all Broadcast Read Commands
0
1
Respond to Broadcast Read Command 0 only
1
0
Respond to Broadcast Read Command 1 only
1
1
Respond to all Broadcast Read Commands
Table 125. Broadcast read command type selection bits (BRC_RSP[1:0])
If a device is programmed to respond only to BRC0 or BRC1 commands, it will
synchronize to alternate responses when BDM commands are received.
• If the last command prior to a BDM command is a BRC0, a device programmed to
respond only to BRC0 commands will not respond to the first BDM command and will
then respond to every other BDM command until the next BRC command is received.
• If the last command prior to a BDM command is a BRC0, a device programmed to
respond only to BRC1 commands will respond to the first BDM command, and will then
response to every other BDM command until the next BRC command is received.
• If the last command prior to a BDM command is a BRC1, a device programmed to
respond only to BRC0 commands will respond to the first BDM command, and will then
response to every other BDM command until the next BRC command is received.
• If the last command prior to a BDM command is a BRC1, a device programmed to
respond only to BRC1 commands will not respond to the first BDM command and will
then respond to every other BDM command until the next BRC command is received.
In PSI5 mode, the BRC_RSP[1:0] bits are readable and writable, but have no impact on
device operation or performance.
In SPI and I2C mode, the BRC_RSP[1:0] bits are readable and writable, but have no
impact on device operation or performance.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
75 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com