Electronic Components Datasheet Search
  English  ▼

X  

FXLS93733 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # FXLS93733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93733 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button FXLS93733 Datasheet HTML 91Page - NXP Semiconductors FXLS93733 Datasheet HTML 92Page - NXP Semiconductors FXLS93733 Datasheet HTML 93Page - NXP Semiconductors FXLS93733 Datasheet HTML 94Page - NXP Semiconductors FXLS93733 Datasheet HTML 95Page - NXP Semiconductors FXLS93733 Datasheet HTML 96Page - NXP Semiconductors FXLS93733 Datasheet HTML 97Page - NXP Semiconductors FXLS93733 Datasheet HTML 98Page - NXP Semiconductors FXLS93733 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.33 Device status copy register (DEVSTAT_COPY)
The device status copy register is a read-only register which contains a copy of the
device status information contained in the DEVSTAT register. See Section 11.2.2 for
details regarding the DEVSTAT register contents.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming mode.
A read of the DEVSTAT_COPY register has the same effect as a read of the DEVSTAT
register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$61
DEVSTAT_COPY
CH0_ERR
CH1_ERR
COMM_ERR
MEMTEMP_
ERR
SUPPLY_ERR
TESTMODE
DEVRES
DEVINIT
Table 172. Device status copy register (DEVSTAT_COPY)
11.2.34 Sensor data #0 registers (CHx_SNSDATA0_L, CHx_SNSDATA0_H)
The sensor data #0 registers are read-only registers which contain the 16-bit sensor
data. The data type for the sensor data #0 registers is selected by the DATATYPE0 bits
in the CHx_CFG_U3 register. See Section 11.2.25.2. See Section 11.6.4.9 for details
regarding the 16-bit sensor data.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode. In I2C mode, the SNSDA-TA0_H register value is latched on a read of the
SNSDATA0_L register value until the SNSDATA0_H register is read. To avoid
data mismatch, it is required that the user always read the registers in sequence,
SNSDATA0_L register first, followed by the SNSDATA0_H register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$62
CH0_SNSDATA0_L
CH0_SNSDATA0[7:0]
$63
CH0_SNSDATA0_H
CH0_SNSDATA0[15:8]
$72
CH1_SNSDATA0_L
CH1_SNSDATA0[7:0]
$73
CH1_SNSDATA0_H
CH1_SNSDATA0[15:8]
Reset Value
0
0
0
0
0
0
0
0
Table 173. Sensor data #0 registers (CHx_SNSDATA0_L, CHx_SNSDATA0_H)
11.2.35 Sensor data #1 registers (CHx_SNSDATA1_L, CHx_SNSDATA1_H)
The sensor data #1 registers are read-only registers which contain the 16-bit sensor
data. The data type for the sensor data #1 registers is selected by the DATATYPE1 bits
in the CHx_CFG_U3 register. See Section 11.2.25.3. See Section 11.6.4.9 for details
regarding the 16-bit sensor data.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming
mode. In I2C mode, the SNSDA-TA1_H register value is latched on a read of the
SNSDATA1_L register value until the SNSDATA1_H register is read. To avoid
data mismatch, it is required that the user always read the registers in sequence,
SNSDATA1_L register first, followed by the SNSDATA1_H register.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
95 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com