Electronic Components Datasheet Search
  English  ▼

X  

FXLS93733 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FXLS93733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93733 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FXLS93733 Datasheet HTML 69Page - NXP Semiconductors FXLS93733 Datasheet HTML 70Page - NXP Semiconductors FXLS93733 Datasheet HTML 71Page - NXP Semiconductors FXLS93733 Datasheet HTML 72Page - NXP Semiconductors FXLS93733 Datasheet HTML 73Page - NXP Semiconductors FXLS93733 Datasheet HTML 74Page - NXP Semiconductors FXLS93733 Datasheet HTML 75Page - NXP Semiconductors FXLS93733 Datasheet HTML 76Page - NXP Semiconductors FXLS93733 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
In SPI and I2C mode, the INIT2_EXT bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.8 Asynchronous mode bit (ASYNC)
In PSI5 mode, the asynchronous mode bit enables asynchronous data transmission as
described in Section 11.2.18.1 only if the DAISY_CHAIN bit is not set.
In DSI3 mode, the ASYNC bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the ASYNC bit is readable and writable, but has no impact on
device operation or performance.
11.2.18 DSI3 and PSI5 start time registers (PDCM_RSPSTx_x)
The DSI3 and PSI5 start time registers are user programmed read/write registers which
contain user-specific configuration information for DSI3 periodic data collection mode
and PSI5 synchronous mode. These registers are included in the read/write array error
detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$26
PDCM_
RSPST0_L
PDCM_RSPST0[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
1
0
1
1
1
1
$27
PDCM_
RSPST0_H
BRC_RSP0[1:0]
RESERVED
PDCM_RSPST0[12:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
0
0
0
$28
PDCM_
RSPST1_L
PDCM_RSPST1[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
0
0
0
$29
PDCM_
RSPST1_H
BRC_RSP1[1:0]
RESERVED
PDCM_RSPST1[12:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
0
0
0
$2A
PDCM_
RSPST2_L
PDCM_RSPST2[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
1
1
1
1
0
1
0
0
$2B
PDCM_
RSPST2_H
BRC_RSP2[1:0]
RESERVED
PDCM_RSPST2[12:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 121. DSI3 and PSI5 start time registers (PDCM_RSPSTx_x)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
73 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com