| Electronic Components Datasheet Search |
|
FXLS93733 Datasheet(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93733 Datasheet(HTML) 92 Page - NXP Semiconductors |
|
92 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor 11.2.30 Offset cancellation user configuration register (OC_PHASE_CFG) The offset cancellation user configuration register is a user programmable read/write register which contains offset cancellation configuration information. The register is included in the read/write array error detection. This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming Mode. Location Bit Address Register 7 6 5 4 3 2 1 0 $50 OC_PHASE_CFG CH0_OCFINAL CH1_OCFINAL RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED Unprogrammed OTP Value 0 0 0 0 0 0 0 0 Table 164. Offset cancellation user configuration register (OC_PHASE_CFG) 11.2.30.1 Channel 0 and Channel 1 offset cancellation final phase control bit (CH0_OCFINAL, CH1_OCFINAL) The channel 0 offset cancellation final phase control bit provides the option for the user to control the final offset cancellation phase for normal mode as shown in Table 165. CH0_ OCFINAL Channel 0 offset cancellation final phase for normal mode 0 Phase 6 (a or b) as specified in the table in Section 11.6.4.6 1 Phase 5 as specified in the table in Section 11.6.4.6 (Rate Limiting is always bypassed) Table 165. Channel 0 offset cancellation final phase control bit (CH0_OCFINAL, CH1_OCFINAL) The channel 1 offset cancellation final phase control bit provides the option for the user to control the final offset cancellation phase for normal mode as shown in Table 166. CH1_ OCFINAL Channel 1 offset cancellation final phase for normal mode 0 Phase 6 (a or b) as specified in the table in Section 11.6.4.6 1 Phase 5 as specified in the table in Section 11.6.4.6 (Rate Limiting is always bypassed) Table 166. Channel 1 offset cancellation final phase control bit (CH0_OCFINAL, CH1_OCFINAL) 11.2.31 User offset calibration registers (Chx_U_OFFSET_L, Chx_U_OFFSET_H) The user offset calibration registers contain a user programmable 16-bit signed offset correction value for the sensor data. These registers can be written during initialization but are locked once the ENDINIT bit is set. Refer to Section 11.2.6. The registers are included in the read/write array error detection. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 92 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |