Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2014
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 5Page - Texas Instruments TPS2014 Datasheet HTML 6Page - Texas Instruments TPS2014 Datasheet HTML 7Page - Texas Instruments TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
www.ti.com
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
Terminal Functions (TPS2044B and TPS2054B)
TERMINAL
I/O
DESCRIPTION
NAME
TPS2044B
TPS2054B
EN1
3
-
I
Enable input, logic low turns on power switch IN1-OUT1
EN2
4
-
I
Enable input, logic low turns on power switch IN1-OUT2
EN3
7
-
I
Enable input, logic low turns on power switch IN2-OUT3
EN4
8
-
I
Enable input, logic low turns on power switch IN2-OUT4
EN1
-
3
I
Enable input, logic high turns on power switch IN1-OUT1
EN2
-
4
I
Enable input, logic high turns on power switch IN1-OUT2
EN3
-
7
I
Enable input, logic high turns on power switch IN2-OUT3
EN4
-
8
I
Enable input, logic high turns on power switch IN2-OUT4
GND
1, 5
1, 5
Ground
IN1
2
2
I
Input voltage for OUT1 and OUT2
IN2
6
6
I
Input voltage for OUT3 and OUT4
OC1
16
16
O
Overcurrent, open-drain output, active low, IN1-OUT1
OC2
13
13
O
Overcurrent, open-drain output, active low, IN1-OUT2
OC3
12
12
O
Overcurrent, open-drain output, active low, IN2-OUT3
OC4
9
9
O
Overcurrent, open-drain output, active low, IN2-OUT4
OUT1
15
15
O
Power-switch output, IN1-OUT1
OUT2
14
14
O
Power-switch output, IN1-OUT2
OUT3
11
11
O
Power-switch output, IN2-OUT3
OUT4
10
10
O
Power-switch output, IN2-OUT4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com