Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2014
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments TPS2014 Datasheet HTML 20Page - Texas Instruments TPS2014 Datasheet HTML 21Page - Texas Instruments TPS2014 Datasheet HTML 22Page - Texas Instruments TPS2014 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
www.ti.com
GND
IN
EN1
EN2
OC1
OC2
OUT1
OUT2
TPS2042B
Rpullup
V+
POWER DISSIPATION AND JUNCTION TEMPERATURE
THERMAL PROTECTION
UNDERVOLTAGE LOCKOUT (UVLO)
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
APPLICATION INFORMATION (continued)
Figure 29. Typical Circuit for the OC Pin (Example, TPS2042B)
The low on-resistance on the N-channel MOSFET allows the small surface-mount packages to pass large
currents. The thermal resistances of these packages are high compared to those of power packages; it is good
design practice to check power dissipation and junction temperature. Begin by determining the rDS(on) of the
N-channel MOSFET relative to the input voltage and operating temperature. As an initial estimate, use the
highest operating ambient temperature of interest and read rDS(on) from Figure 22. Using this value, the power
dissipation per switch can be calculated by:
•
P
D = rDS(on)× I
2
Multiply this number by the number of switches being used. This step renders the total power dissipation from
the N-channel MOSFETs.
Finally, calculate the junction temperature:
•
TJ = PD x RΘJA + TA
Where:
•
TA= Ambient temperature °C
•
RΘJA = Thermal resistance
•
PD = Total power dissipation based on number of switches being used.
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation, using the calculated value as the new estimate. Two or three iterations are generally
sufficient to get a reasonable answer.
Thermal protection prevents damage to the IC when heavy-overload or short-circuit faults are present for
extended periods of time. The TPS204xB/TPS205xB implements a thermal sensing to monitor the operating
junction temperature of the power distribution switch. In an overcurrent or short-circuit condition, the junction
temperature rises due to excessive power dissipation. Once the die temperature rises to approximately 140°C
due to overcurrent conditions, the internal thermal sense circuitry turns the power switch off, thus preventing the
power switch from damage. Hysteresis is built into the thermal sense circuit, and after the device has cooled
approximately 10°C, the switch turns back on. The switch continues to cycle in this manner until the load fault or
input power is removed. The OCx open-drain output is asserted (active low) when an overtemperature shutdown
or overcurrent occurs.
An undervoltage lockout ensures that the power switch is in the off state at power up. Whenever the input
voltage falls below approximately 2 V, the power switch is quickly turned off. This facilitates the design of
hot-insertion systems where it is not possible to turn off the power switch before input power is removed. The
UVLO also keeps the switch from being turned on until the power supply has reached at least 2 V, even if the
switch is enabled. On reinsertion, the power switch is turned on, with a controlled rise time to reduce EMI and
voltage overshoots.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com