Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2014
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
www.ti.com
0
0.1
0.2
0.3
0.4
0.5
0.6
2
3
4
5
6
VI − Input Voltage − V
CL = 1 mF,
RL = 10 W,
TA = 255C
0
0.05
0.1
0.15
0.2
0.25
2
3
4
5
6
CL = 1 mF,
RL = 10 W,
TA = 255C
VI − Input Voltage − V
0
10
20
30
40
50
60
−50
0
50
100
150
VI = 5.5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
VI = 5 V
0
10
20
30
40
50
60
70
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
RISE TIME
FALL TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 12.
Figure 13.
TPS2041B/2051B
TPS2042B/TPS2052B
SUPPLY CURRENT, OUTPUT ENABLED
SUPPLY CURRENT, OUTPUT ENABLED
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 14.
Figure 15.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com