Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS2014
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 24Page - Texas Instruments TPS2014 Datasheet HTML 25Page - Texas Instruments TPS2014 Datasheet HTML 26Page - Texas Instruments TPS2014 Datasheet HTML 27Page - Texas Instruments TPS2014 Datasheet HTML 28Page - Texas Instruments TPS2014 Datasheet HTML 29Page - Texas Instruments TPS2014 Datasheet HTML 30Page - Texas Instruments TPS2014 Datasheet HTML 31Page - Texas Instruments TPS2014 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
www.ti.com
Enable (ENx)
Overcurrent (OCx)
Current Sense
Thermal Sense
Undervoltage Lockout
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
DETAILED DESCRIPTION (continued)
The logic enable disables the power switch and the bias for the charge pump, driver, and other circuitry to reduce
the supply current. The supply current is reduced to less than 1 µA or 2 µA when a logic low is present on ENx.
A logic high input on ENx restores bias to the drive and control circuits and turns the switch on. The enable input
is compatible with both TTL and CMOS logic levels.
The OCx open-drain output is asserted (active low) when an overcurrent or overtemperature condition is
encountered. The output remains asserted until the overcurrent or overtemperature condition is removed. A
10-ms deglitch circuit prevents the OCx signal from oscillation or false triggering. If an overtemperature shutdown
occurs, the OCx is asserted instantaneously.
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into its
saturation region, which switches the output into a constant-current mode and holds the current constant while
varying the voltage on the load.
The TPS204xB/TPS205xB implements a thermal sensing to monitor the operating temperature of the power
distribution switch. In an overcurrent or short-circuit condition, the junction temperature rises. When the die
temperature rises to approximately 140°C due to overcurrent conditions, the internal thermal sense circuitry turns
off the switch, thus preventing the device from damage. Hysteresis is built into the thermal sense, and after the
device has cooled approximately 10 degrees, the switch turns back on. The switch continues to cycle off and on
until the fault is removed. The open-drain false reporting output (OCx) is asserted (active low) when an
overtemperature shutdown or overcurrent occurs.
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com