Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2014
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments TPS2014 Datasheet HTML 20Page - Texas Instruments TPS2014 Datasheet HTML 21Page - Texas Instruments TPS2014 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
www.ti.com
APPLICATION INFORMATION
POWER-SUPPLY CONSIDERATIONS
IN
OC1
EN1
OC2
2
8
5
7
0.1
µF
22
µF
0.1
µF
22
µF
Load
Load
OUT1
OUT2
Power Supply
2.7 V to 5.5 V
6
EN2
3
4
GND
0.1
µF
TPS2042B
1
OVERCURRENT
OC RESPONSE
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
Figure 28. Typical Application (Example, TPS2042B)
A 0.01-µF to 0.1-µF ceramic bypass capacitor between IN and GND, close to the device, is recommended.
Placing a high-value electrolytic capacitor on the output pin(s) is recommended when the output load is heavy.
This precaution reduces power-supply transients that may cause ringing on the input. Additionally, bypassing the
output with a 0.01-µF to 0.1-µF ceramic capacitor improves the immunity of the device to short-circuit transients.
A sense FET is employed to check for overcurrent conditions. Unlike current-sense resistors, sense FETs do not
increase the series resistance of the current path. When an overcurrent condition is detected, the device
maintains a constant output current and reduces the output voltage accordingly. Complete shutdown occurs only
if the fault is present long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted before the
device is enabled or before VI(IN) has been applied (see Figure 14 through Figure 17). The TPS204xB/TPS205xB
senses the short and immediately switches into a constant-current output.
In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload
occurs, high currents may flow for a short period of time before the current-limit circuit can react. After the
current-limit circuit has tripped (reached the overcurrent trip threshold), the device switches into constant-current
mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded (see Figure 18 through Figure 21). The TPS204xB/TPS205xB is capable of delivering current up to the
current-limit threshold without damaging the device. Once the threshold has been reached, the device switches
into its constant-current mode.
The OCx open-drain output is asserted (active low) when an overcurrent or overtemperature shutdown condition
is encountered after a 10-ms deglitch timeout. The output remains asserted until the overcurrent or
overtemperature condition is removed. Connecting a heavy capacitive load to an enabled device can cause a
momentary overcurrent condition; however, no false reporting on OCx occurs due to the 10-ms deglitch circuit.
The TPS204xB/TPS205xB is designed to eliminate false overcurrent reporting. The internal overcurrent deglitch
eliminates the need for external components to remove unwanted pulses. OCx is not deglitched when the switch
is turned off due to an overtemperature shutdown.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com