Electronic Components Datasheet Search
  English  ▼

X  

TPS51117 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS51117 Datasheet HTML 9Page - Texas Instruments TPS51117 Datasheet HTML 10Page - Texas Instruments TPS51117 Datasheet HTML 11Page - Texas Instruments TPS51117 Datasheet HTML 12Page - Texas Instruments TPS51117 Datasheet HTML 13Page - Texas Instruments TPS51117 Datasheet HTML 14Page - Texas Instruments TPS51117 Datasheet HTML 15Page - Texas Instruments TPS51117 Datasheet HTML 16Page - Texas Instruments TPS51117 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
1.03
1.04
1.05
1.06
1.07
0
2
4
6
8
10
PWM Only
Skip Mode
I
- Output Current - A
O
2.46
2.48
2.50
2.52
2.54
0
2
4
6
8
10
PWM Only
Auto Skip
I
- Output Current - A
O
1.03
1.04
1.05
1.06
1.07
5
9
13
17
21
25
I
= 10 A
O
I
= 0 A
O
V - Input Voltage - V
I
Auto Skip
2.46
2.48
2.50
2.52
2.54
5
9
13
17
21
25
I
= 10 A
O
I
= 0 A
O
V - Input Voltage - V
I
Auto Skip
TPS51117
SLVS631 – DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
1.05 V OUTPUT VOLTAGE
2.5 V OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 10.
Figure 11.
1.05 V OUTPUT VOLTAGE
2.5 V OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 12.
Figure 13.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com