Electronic Components Datasheet Search
  English  ▼

X  

TPS51117 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS51117 Datasheet HTML 12Page - Texas Instruments TPS51117 Datasheet HTML 13Page - Texas Instruments TPS51117 Datasheet HTML 14Page - Texas Instruments TPS51117 Datasheet HTML 15Page - Texas Instruments TPS51117 Datasheet HTML 16Page - Texas Instruments TPS51117 Datasheet HTML 17Page - Texas Instruments TPS51117 Datasheet HTML 18Page - Texas Instruments TPS51117 Datasheet HTML 19Page - Texas Instruments TPS51117 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
LOOP COMPENSATION AND EXTERNAL PARTS SELECTION
D-CAP™ Mode Operation
Control
Logic
and
Driver
R1
R2
+
VFB
-
DRVL
IL
Voltage Divider
PWM
VIN
Lx
DRVH
Io
Vc
Co
ESR
RL
Ic
Switching Modulator
0.75V
+
Output Capacitor
ƒo *
1
2q
ESR
Co [
ƒsw
4
(6)
R1 [
V
OUT *
0.75
0.75
R2
(7)
TPS51117
SLVS631 – DECEMBER 2005
A buck converter system using D-CAP™ Mode can be simplified as shown in Figure 22.
Figure 22. Simplified Diagram of the Modulator
The VFB voltage is compared with the internal reference voltage after the divider resistors. The PWM comparator
determines the timing to turn on the top MOSFET. The gain and speed of the comparator is high enough to keep
the voltage at the beginning of each on cycle (or the end of off cycle) substantially constant. The DC output
voltage may have line regulation due to ripple amplitude that slightly increases as the input voltage increases.
For loop stability, the 0 dB frequency, f0, defined in the follow equation must be lower than 1/4 of the switching
frequency.
As f0 is determined solely by the output capacitor characteristics, loop stability of D-CAP™ Mode is determined
by capacitor chemistry. For example, specialty polymer capacitors (SP-CAP) have Co in the order of several 100
µF and ESR in range of 10 mΩ. These values make f
0 in the order of 100 kHz or less and the loop is stable.
However, ceramic capacitors have f0 at more than 700 kHz, which is not suitable for this operational mode.
Although D-CAP™ Mode provides many advantages such as ease-of-use, minimum external component
configuration, and extremely short response time, due to not employing an error amplifier in the loop, a sufficient
feedback signal needs to be provided by an external circuit to reduce the jitter level. The required signal level is
approximately 15 mV at the comparing point. This generates Vripple = (VOUT/0.75) × 15 mV at the output node.
The output capacitor ESR should meet this requirement.
The external component selection is simple in D-CAP™ Mode:
1. Determine the value of R1 and R2
The recommended R2 value is 10 k
Ω to 100 kΩ. Calculate R1 by Equation 7.
2. Choose R
TON
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com