Electronic Components Datasheet Search
  English  ▼

X  

TPS51117 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51117 Datasheet HTML 1Page - Texas Instruments TPS51117 Datasheet HTML 2Page - Texas Instruments TPS51117 Datasheet HTML 3Page - Texas Instruments TPS51117 Datasheet HTML 4Page - Texas Instruments TPS51117 Datasheet HTML 5Page - Texas Instruments TPS51117 Datasheet HTML 6Page - Texas Instruments TPS51117 Datasheet HTML 7Page - Texas Instruments TPS51117 Datasheet HTML 8Page - Texas Instruments TPS51117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS51117
SLVS631 – DECEMBER 2005
ORDERING INFORMATION(1)(2)
MINIMUM
ORDERING PART
OUTPUT
TA
PACKAGE
PINS
ORDER
ECO PLAN
NUMBER
SUPPLY
QUANTITY
TPS51117PW
Tube
90
PLASTIC
Green
–40
°C to 85°C
14
TSSOP (PW)
(RoHS & no Sb/Br)
TPS51117PWR
Tape-and-Reel
2000
(1)
All packaging options have Cu NIPDAU lead/ball finish.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
VALUE
UNIT
VBST
–0.3 to 36
VBST (with respect to LL)
–0.3 to 6
Input voltage range
EN_PSV, TRIP, V5DRV, V5FILT
–0.3 to 6
V
VOUT
–0.3 to 6
TON
–0.3 to 6
DRVH
–1 to 36
DRVH (with respect to LL)
–0.3 to 6
Output voltage range
LL
–1 to 30
V
PGOOD, DRVL
–0.3 to 6
PGND
–0.3 to 0.3
TA
Operating free-air temperature
–40 to 85
° C
Tstg
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Ta <25
°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
14 pin TSSOP
750 mW
7.5 mW/
°C
300 mW
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply input voltage range
4.5
5.5
V
VBST
4.5
34
VBST (with respect to LL)
4.5
5.5
Input voltage range
EN_PSV, TRIP, V5DRV, V5FILT
–0.1
5.5
V
VOUT
–0.1
5.5
TON
–0.1
5.5
DRVH
–0.8
34
DRVH (with respect to LL)
–0.1
5.5
Output voltage range
LL
–0.8
28
V
PGOOD, DRVL
–0.1
5.5
PGND
–0.1
0.1
Operating free-air temperature, TA
–40
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com