Electronic Components Datasheet Search
  English  ▼

X  

TPS51117 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS51117 Datasheet HTML 14Page - Texas Instruments TPS51117 Datasheet HTML 15Page - Texas Instruments TPS51117 Datasheet HTML 16Page - Texas Instruments TPS51117 Datasheet HTML 17Page - Texas Instruments TPS51117 Datasheet HTML 18Page - Texas Instruments TPS51117 Datasheet HTML 19Page - Texas Instruments TPS51117 Datasheet HTML 20Page - Texas Instruments TPS51117 Datasheet HTML 21Page - Texas Instruments TPS51117 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.ti.com
1
2
3
14
13
12
VBST
DRVH
LL
EN_PSV
TON
VOUT
TPS51117PW
4
5
6
7
11
10
9
8
TRIP
V5DRV
DRVL
PGND
V5FILT
VFB
PGOOD
GND
+
VO
1.05V/10A
Q2
L1
1.0uH
Q1
-
PGND
C2
20 m F
C1A
C1B
R6
100kW
PGOOD
+5V
EN_PSV
R4
R1
8.5k W
R2
22k W
R3
249k W
R5
300 W
+VBAT
C3
1u F
GND
+
+
C4
0.1 F
m
GND
TPS51117
SLVS631 – DECEMBER 2005
APPLICATION INFORMATION (continued)
Figure 23. 1.05-V/10-A Application From VBAT
Table 1. Typical Application Circuit Components
SYMBOL
SPECIFICATION
MANUFACTURER
PART NUMBER
C1A, C1B
470
µF, 2.5 V, 12 mΩ
SANYO
2R5TPE470MC
C2
10
µF, 25 V, 2 pcs
Murata
GRM31CR61E106KA12B
L1
1.0
µH
Vishay, Toko
IHLP-5050, FDA1254-1R0M
Q1
30V, 13 m
Ω
International Rectifier
IRF7821
Q2
30 V, 5.8 m
Ω
International Rectifier
IRF8113
R4
8.06 k
Ω
—
Std
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com