Electronic Components Datasheet Search
  English  ▼

X  

TPS51117 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS51117 Datasheet HTML 13Page - Texas Instruments TPS51117 Datasheet HTML 14Page - Texas Instruments TPS51117 Datasheet HTML 15Page - Texas Instruments TPS51117 Datasheet HTML 16Page - Texas Instruments TPS51117 Datasheet HTML 17Page - Texas Instruments TPS51117 Datasheet HTML 18Page - Texas Instruments TPS51117 Datasheet HTML 19Page - Texas Instruments TPS51117 Datasheet HTML 20Page - Texas Instruments TPS51117 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.ti.com
T
ON(max) *
1
ƒ
V
OUT
V
IN(min)
(8)
R
TON
3
2
T
ON(max) [
50 ns
19
10[12
V
IN(min)
V
OUT *
150 mV
[q]
(9)
L
IND [
1
I
IND(ripple)
ƒ
V
IN(max) *
V
OUT
V
OUT
V
IN(max)
[
3
I
OUT(max)
ƒ
V
IN(max) *
V
OUT
V
OUT
V
IN(max)
(10)
I
IND(peak)
V
TRIP
R
DS(on)
*
1
L
ƒ
V
IN(max) [
V
OUT
V
OUT
V
IN(max)
(11)
ESR *
V
OUT
0.015
I
ripple
0.75 [
V
OUT
I
OUT(max)
60 [mq]
(12)
30 mV
1.2
I
OUT(max) *
0.5
I
ripple
[ RDS(on) [
200 mV
1.2
I
OUT(max) *
0.5
I
ripple
(13)
TPS51117
SLVS631 – DECEMBER 2005
APPLICATION INFORMATION (continued)
Switching frequency is usually determined by the overall view of the DC-DC converter design of: size,
efficiency or cost, and mostly dictated by external component constraints such as the size of inductor and/or
output capacitor. In the case where an extremely low or high duty factor is expected, the minimum on-time or
off-time also needs to be considered to satisfy the required duty factor. Once the switching frequency is
decided, R
TON can be determined by Equation 8 and Equation 9,
3. Choose inductor
A good starting point inductance value is where the ripple current is approximately 1/4 to 1/2 of the maximum
output current.
For applications that require fast transient response with minimum V
OUT overshoot, consider a smaller
inductance than above. The cost of a small inductance value is higher steady state ripple, larger line
regulation, and higher switching loss.
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation. The peak inductor current can be estimated as follows.
4. Choose output capacitor(s)
Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. Determine ESR to
meet the required ripple voltage above. A quick approximation is shown in Equation 12.
5. Choose MOSFETs
Loss-less current sensing and overcurrent protection of the TPS51117 is determined by R
DS(on) of the
low-side MOSFET. So, R
DS(on) times the inductor current value at the overcurrent point should be in the
range of 30 mV to 200 mV for the entire operational temperature range. Assuming a 20% guard band, R
DS(on)
in the following equation should satisfy the full temperature range.
6. Choose R
trip
Once the low-side FET is decided, select an appropriate R
trip value that provides Vtrip equal to RDS(on) times
I
peak.
7. LPF for V5FILT
In order to reject high frequency noise and also secure safe start-up of the internal reference circuit, apply
1
µF of MLCC closely at the V5FILT pin with a 300-Ω resistor to create a LPF between +5-V supply and the
pin.
8. VBST capacitor, VBST diode
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com