Electronic Components Datasheet Search
  English  ▼

X  

VS6624P0LP Datasheet(PDF) 8 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 4Page - STMicroelectronics VS6624P0LP Datasheet HTML 5Page - STMicroelectronics VS6624P0LP Datasheet HTML 6Page - STMicroelectronics VS6624P0LP Datasheet HTML 7Page - STMicroelectronics VS6624P0LP Datasheet HTML 8Page - STMicroelectronics VS6624P0LP Datasheet HTML 9Page - STMicroelectronics VS6624P0LP Datasheet HTML 10Page - STMicroelectronics VS6624P0LP Datasheet HTML 11Page - STMicroelectronics VS6624P0LP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
Overview
VS6624
8/100
Rev 1
1
Overview
1.1
Description
The VS6624 is a SXGA resolution CMOS imaging device designed for low power systems,
particularly mobile phone applications.
Manufactured using ST 0.18 µm CMOS Imaging process, it integrates a high-sensitivity pixel
array, a digital image processor and camera control functions.
The VS6624 is capable of streaming SXGA video up to 15 fps, with ITU-R BT.656-4 YUV
4:2:2 frame format. It supports both 1.8 V and 2.8 V interface and requires a 2.4 to 3.0 V
analog power supply. Typically, the VS6624 can operate as a 2.8 V single supply camera or
as a 1.8 V interface / 2.8 V supply camera. The integrated PLL allows for low frequency
system clock, and flexibility for successful EMC integration.
The VS6624 camera module uses ST’s 2nd generation “SmOP2” packaging technology: the
sensor, lens and passives are assembled, tested and focused in a fully automated process,
allowing high volume and low cost production.
The device contains an embedded video processor and delivers fully color processed
images at up to 15 frames per second SXGA and up to 30 fps VGA.
The video data is output over an 8-bit parallel bus in RGB, YCbCr or bayer formats.
The VS6624 requires an analogue power supply of between 2.4 V to 3.0 V and a digital
supply of either 1.8 V or 2.8 V (dependant on interface levels required). An input clock is
required in the range 6.5 MHz to 54 MHz.
The VS6624 is controlled via an I²C interface.
It also includes a wide range of image enhancement functions, designed to ensure high
image quality, these include:
Automatic exposure control
Automatic white balance
Lens shading compensation
Defect correction algorithms
Demosaic (Bayer to RGB conversion)
Colour space conversion
Sharpening
Gamma correction
Flicker cancellation
NoRA Noise Reduction Algorithm
Intelligent image scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com