Electronic Components Datasheet Search
  English  ▼

X  

VS6624P0LP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 6Page - STMicroelectronics VS6624P0LP Datasheet HTML 7Page - STMicroelectronics VS6624P0LP Datasheet HTML 8Page - STMicroelectronics VS6624P0LP Datasheet HTML 9Page - STMicroelectronics VS6624P0LP Datasheet HTML 10Page - STMicroelectronics VS6624P0LP Datasheet HTML 11Page - STMicroelectronics VS6624P0LP Datasheet HTML 12Page - STMicroelectronics VS6624P0LP Datasheet HTML 13Page - STMicroelectronics VS6624P0LP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
System architecture
VS6624
10/100
Rev 1
3
System architecture
The simplified block diagram of VS6624 is shown in
Figure 1. VS6624 includes the following
main blocks:
●
SXGA-sized pixel array
●
Video timing generator
●
Video pipe
●
Statistics gathering unit
●
Clock generator
●
Microprocessor
Figure 1.
VS6624 simplified block diagram
3.1
Operation
A video timing generator controls a SXGA-sized pixel array to produce raw bayer images.
The analogue pixel information is digitized and passed into the video pipe. The video pipe
contains a number of different functions (explained in detail later). At the end of the video
pipe data is output to the host system over an 8-bit parallel interface along with qualification
signals.
The whole system is controlled by an embedded microprocessor that is running firmware
stored in an internal ROM. The external host communicates with this microprocessor over
an I²C interface. The microprocessor does not handle the video data itself but is able to
control all the functions within the video pipe. Real-time information about the video data is
gathered by a statistics engine and is available to the microprocessor. The processor uses
this information to perform real-time image control tasks such as automatic exposure
control.
Microprocessor
SDA
SCL
CE
AVDD
HSYNC
PCLK
D[0:7]
CLK
VSYNC
Clock
Generator
I²C
Statistics
Gathering
Video Timing
Generator
RESET
VREG
VDD
I²C Interface
FSO
GND
GND
SXGA
Pixel
Array
Video Pipe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com