Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
MULTI-FUNCTION TIMER
MOTOROLA
REV 2
8-3
8.3
MFT REGISTERS
8.3.1 Timer Counter Register (TCNT) $09
The Timer Counter Register is a read-only register which contains the current
value of the 8-bit ripple counter at the beginning of the timer chain. This counter is
clocked at fOP÷4 and can be used for various functions including a software input
capture. Extended time periods can be attained using the TOF function to incre-
ment a temporary RAM storage location thereby simulating a 16-bit (or more)
counter. The value of each bit of the TCNT is shown in Figure 8-2. This register is
cleared by reset.
Figure 8-2. Timer Counter Register
8.3.2 Timer Control/Status Register (TCSR) $08
The TCSR contains the timer interrupt flag bits, the timer interrupt enable bits, and
the real time interrupt rate select bits. Bit 2 and bit 3 are write-only bits which will
read as logical zeros. Figure 8-3 shows the value of each bit in the TCSR follow-
ing reset.
Figure 8-3. Timer Control/Status Register (TCSR)
TOF - Timer Overflow Flag
The TOF is a read-only flag bit.
1 =
Set when the 8-bit ripple counter rolls over from $FF to $00. A
TIMER Interrupt request will be generated if TOFE is also set.
0 =
Reset by writing a logical one to the TOF acknowledge bit, TOFR.
Writing to the TOF flag bit has no effect on its value. This bit is
cleared by reset.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCNT
R
TMR7
TMR6
TMR5
TMR4
TMR3
TMR2
TMR1
TMR0
$0009
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCSR
R
TOF
RTIF
TOFE
RTIE
00
RT1
RT0
$0008
W
TOFR
RTIFR
reset:
00000011
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com