Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB4
10-22
REV 2
T0SEQ — Endpoint 0 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or DATA1) will
be sent during the next IN transaction. Toggling of this bit must be controlled by
software. Reset clears this bit.
1 =
DATA1 Token active for next Endpoint 0 transmit
0 =
DATA0 Token active for next Endpoint 0 transmit
STALL0 — Endpoint 0 Force Stall Bit
This read/write bit causes Endpoint 0 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. The USB hard-
ware clears this bit when a SETUP token is received. Reset clears this bit.
1 =
Send STALL handshake
0 =
Default
TX0E — Endpoint 0 Transmit Enable
This read/write bit enables a transmit to occur when the USB Host controller
sends an IN token to Endpoint 0. Software should set this bit when data is
ready to be transmitted. It must be cleared by software when no more Endpoint
0 data needs to be transmitted.
If this bit is 0 or the TXD0F is set, the USB will respond with a NAK handshake
to any Endpoint 0 IN tokens. Reset clears this bit.
1 =
Data is ready to be sent.
0 =
Data is not ready. Respond with NAK.
RX0E — Endpoint 0 Receive Enable
This read/write bit enables a receive to occur when the USB Host controller
sends an OUT token to Endpoint 0. Software should set this bit when data is
ready to be received. It must be cleared by software when data cannot be
received.
If this bit is 0 or the RXD0F is set, the USB will respond with a NAK handshake
to any Endpoint 0 OUT tokens. Reset clears this bit.
1 =
Data is ready to be received.
0 =
Not ready for data. Respond with NAK.
TP0SIZ3-TP0SIZ0 — Endpoint 0 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the next IN
token request for Endpoint 0. These bits are cleared by reset.
10.5.5 USB Control Register 1 (UCR1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UCR1
R
T1SEQ
ENDADD
TX1E
FRESUM TP1SZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
$003C
W
reset:
00000000
Figure 10-24. USB Control Register 1 (UCR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com