Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-11
USB registers. The following will detail the function of the regulator, transceiver
and control logic. See Section 10.5 for the register discussion.
10.4.1 Voltage Regulator
The USB data lines are required by the USB Specification to have a maximum
output voltage between 2.8V and 3.6V. The data lines are also required to have an
external 1.5K
Ω pullup resistor connected between a data line and a voltage
source between 3.0V and 3.6V. Since the power provided by the USB cable is
specified to be between 4.4V and 5.0V, an on-chip regulator is used to drop the
voltage to the appropriate level for sourcing the USB transceiver and external
pullup resistor. An output pin driven by the regulator voltage is provided to source
the 1.5K
Ω external resistor. Figure 10-11 shows the worst case electrical
connection for the voltage regulator.
Figure 10-11. Regulator Electrical Connections
10.4.2 USB Transceiver
The USB transceiver provides the physical interface to the USB D+ and D– data
lines. The transceiver is composed of two parts: an output drive circuit and a
differential receiver.
10.4.2.1 Output Driver Characteristics
The USB transceiver uses a differential output driver to drive the USB data signal
onto the USB cable. The static output swing of the driver in its low state is below
the VOL of 0.3 V with a 1.5 kΩ load to 3.6 V and in its high state is above the VOH
of 2.8 V with a 15 k
Ω load to ground. The output swings between the differential
high and low state are well balanced to minimize signal skew. Slew rate control on
the driver is used to minimize the radiated noise and cross talk. The driver’s
outputs support three-state operation to achieve bi-directional half duplex
operation. The driver can tolerate a voltage on the signal pins of –0.5 V to 3.8 V
LS
Transceiver
3.3V
R2
R2
R1
R1 = 1.5K
Ω ±5%
R2 = 15K
Ω ±5%
Regulator
USB Data Lines
Host
or
Hub
USB Cable
4.4V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com