Electronic Components Datasheet Search
  English  ▼

X  

73S8024C Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 73S8024C Datasheet HTML 2Page - Maxim Integrated Products 73S8024C Datasheet HTML 3Page - Maxim Integrated Products 73S8024C Datasheet HTML 4Page - Maxim Integrated Products 73S8024C Datasheet HTML 5Page - Maxim Integrated Products 73S8024C Datasheet HTML 6Page - Maxim Integrated Products 73S8024C Datasheet HTML 7Page - Maxim Integrated Products 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products 73S8024C Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
73S8024C Data Sheet
DS_8024C_023
6
Rev. 1.3
2
System Controller Interface
•
2 digital inputs allow direct control of the card interface from the host as follows:
Pin
CMDVCC: When low, starts an activation sequence if a card is present.
Pin 5V/
#V: Defines the card voltage.
•
The card I/O and Reset signals have their corresponding controller I/Os to be connected directly to
the host:
Pin RSTIN: controls the card reset signal (when enabled by the sequencer).
Pin I/OUC: data transfer to card I/O contact.
Pins AUX1UC and AUX2UC (auxiliary I/O lines associated to the auxiliary I/O lines to be
connected to the C4 and C8 card connector contacts).
•
2 digital inputs control the card clock frequency division rate: CLKDIV1 and CLKDIV2 define the card
clock frequency, from the input clock frequency (crystal or external clock). The division rate is defined
as follows:
CLKDIV2
CLKDIV1
CLK
0
0
⅛ XTAL
0
1
XTAL
1
0
¼ XTAL
1
1
½ XTAL
When the division rate is equal to 1 (CLKDIV2 =0 and CLKDIV1 = 1), the duty-cycle of the
card clock depends on the duty-cycle and waveform of the signal applied on the pin XTALIN.
When other division rates are used, the 73S8024C circuitry guarantees a duty-cycle in the
range 45% to 55%, conforming to ISO-7816-3, EMV 4.0 and NDS specifications.
•
Interrupt output to the host: As long as the card is not activated, the
OFF pin informs the host about
the card presence only (low = no card in the reader). When
CMDVCC is set low (Card activation
sequence requested from the host), a low level on
OFF means a fault has been detected (e.g. card
removed during a card session, or voltage fault, or thermal / over-current fault) that automatically
initiates a deactivation sequence.
•
Power Down: The PWRDN pin is a digital input that allows the host controller to put the 73S8024C in
its Power Down state. This pin can only be activated out of a card session.
3
Oscillator
The 73S8024C device has an on-chip oscillator that can generate the smart card clock using an external
crystal (connected between the pins XTALIN and XTALOUT) to set the oscillator frequency. When the
card clock signal is available from another source, it can be connected to the pin XTALIN, and the pin
XTALOUT should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com