Electronic Components Datasheet Search
  English  ▼

X  

73S8024C Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 73S8024C Datasheet HTML 3Page - Maxim Integrated Products 73S8024C Datasheet HTML 4Page - Maxim Integrated Products 73S8024C Datasheet HTML 5Page - Maxim Integrated Products 73S8024C Datasheet HTML 6Page - Maxim Integrated Products 73S8024C Datasheet HTML 7Page - Maxim Integrated Products 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products 73S8024C Datasheet HTML 10Page - Maxim Integrated Products 73S8024C Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS_8024C_023
73S8024C Data Sheet
Rev. 1.3
7
4
DC-DC Converter – Card Power Supply
An internal DC-DC converter provides the card power supply. This converter is able to provide either 3 V
or 5 V card voltage from the power supply applied on the VDD pin. The digital ISO-7816-3 sequencer
controls the converter. Card voltage selection is carried out by the digital input 5V/
#V.
The circuit is an inductive step-up converter/regulator. The external components required are 2 filter
capacitors on the power-supply input VDD (next to the LIN pin, 100 nF + 10 µF), an inductor, and an
output filter capacitor on the card power supply VCC. The circuit performs regulation by activating the
step-up operation when VCC is below a set point of 5.0 or 3.0 volts minus a comparator hysteresis voltage
and the input supply VDD is less than the set point for VCC. When VDD is greater than the set point for VCC
(VDD = 3.6 V, VCC =3 V) the circuit operates as a linear regulator.
Depending on the inductor values, the voltage converter can provide current on VCC as high as 100 mA.
The circuit provides over-current protection and limits ICC to 150 mA. When an over-current condition is
sensed, the circuit initiates a deactivation sequence from the control logic and reports back to the host
controller a fault on the interrupt output
OFF.
Choice of the inductor
The nominal inductor value is 10
µH, rated for 400 mA. The inductor is connected between LIN (pin 5 in
the SO package, pin 2 in the QFN package) and the VDD voltage. The inductor value can be optimized to
meet a particular configuration (ICC_MAX). The inductor should be located on the PCB as close as possible
to the LIN pin of the IC.
Choice of the VCC
Depending on the applications, the requirements in terms of both the V
capacitor
CC
Table 1
minimum voltage and the
transient currents that the interface must provide to the card are different.
shows the
recommended capacitors for each VCC
Table 1: Choice of VCC Pin Capacitor
power supply configuration and applicable specification.
Specification Requirement
Application
Specification
Min VCC
Max Transient
Current Charge
Voltage
Allowed During
Transient Current
Capacitor
Type
Capacitor
Value
EMV 4.0
4.6 V
30 nAs
X5R/X7R w/
ESR < 100 m
Ω
3.3
µF
ISO-7816-3
4.5 V
20 nAs
1
µF
Table 1: Choice of VCC Pin Capacitor
5
Over-temperature Monitor
A built-in detector monitors die temperature. When an over-temperature condition occurs, a card
deactivation sequence is initiated, and an error or fault condition is reported to the system controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com