Electronic Components Datasheet Search
  English  ▼

X  

73S8024C Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 5 Page - Maxim Integrated Products

  73S8024C Datasheet HTML 1Page - Maxim Integrated Products 73S8024C Datasheet HTML 2Page - Maxim Integrated Products 73S8024C Datasheet HTML 3Page - Maxim Integrated Products 73S8024C Datasheet HTML 4Page - Maxim Integrated Products 73S8024C Datasheet HTML 5Page - Maxim Integrated Products 73S8024C Datasheet HTML 6Page - Maxim Integrated Products 73S8024C Datasheet HTML 7Page - Maxim Integrated Products 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS_8024C_023
73S8024C Data Sheet
Rev. 1.3
5
1.4
Microcontroller Interface
Name
Pin
(SO)
Description
CMDVCC
19
Command VCC (negative assertion): Logic low on this pin causes the DC-DC
converter to ramp the VCC supply to the card and initiates a card activation sequence.
5V/
#V
3
5 volt / 3 volt card selection: Logic one selects 5 volts for VCC and card interface, logic
low selects 3 volt operation. When the part is to be used with a single card voltage,
this pin should be tied to either GND or VDD. However, it includes a high impedance
pull-up resistor to default this pin high (selection of 5 V card) when unconnected.
PWRDN
8
Power Down control input (active high): When Power Down (PD) mode is
activated; all internal analog functions are disabled to place the 73S8024C in its
lowest power consumption mode. The PD mode is allowed only out of a card
session (= PWRDN high is not taken into account when CMDVCC = 0). Must be
tied to ground when the power down function is not used.
CLKDIV1
CLKDIV2
1
2
Sets the divide ratio from the XTALIN oscillator (or external clock input) to the card
clock. These pins include pull-down resistors.
CLKDIV1
CLKDIV2
Clock Rate
0
0
XTALIN/8
0
1
XTALIN/4
1
1
XTALIN/2
1
0
XTALIN
OFF
23
Interrupt signal to the processor (active low): Multi-function indicating fault
conditions and card presence. Open drain output configuration; it includes an
internal 20
kΩ pull-up to V
DD.
RSTIN
20
Reset Input: This signal is the reset command to the card.
I/OUC
26
System controller data I/O to/from the card. Includes internal pull-up resistor to VDD.
AUX1UC
27
System controller auxiliary data I/O to/from the card. Includes internal pull-up
resistor to VDD.
AUX2UC
28
System controller auxiliary data I/O to/from the card. Includes internal pull-up
resistor to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com