Electronic Components Datasheet Search
  English  ▼

X  

73S8024C Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products 73S8024C Datasheet HTML 10Page - Maxim Integrated Products 73S8024C Datasheet HTML 11Page - Maxim Integrated Products 73S8024C Datasheet HTML 12Page - Maxim Integrated Products 73S8024C Datasheet HTML 13Page - Maxim Integrated Products 73S8024C Datasheet HTML 14Page - Maxim Integrated Products 73S8024C Datasheet HTML 15Page - Maxim Integrated Products 73S8024C Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
73S8024C Data Sheet
DS_8024C_023
12
Rev. 1.3
11 I/O Circuitry and Timing
The I/O, AUX1, and AUX2 pins are in the low state after power on reset and they are in the high state
when the activation sequencer turns on the I/O reception state. See Section 8 Activation Sequence for
more details on when the I/O reception is on.
The state of the I/OUC, AUX1UC, and AUX2UC is high after power on reset. Within a card session and
when the I/O reception state is on, the first I/O line on which a falling edge is detected becomes the input
I/O line and the other becomes the output I/O line. When the input I/O line rising edge is detected, both
I/O lines return to their neutral state.
Figure 7 shows the state diagram of how the I/O and I/OUC lines are managed to become input or output.
The delay between the I/O signals is shown in Figure 8.
Neutral
State
I/OUC
in
I/O
reception
I/OICC
in
No
Yes
No
No
No
Yes
No
Yes
I/O
&
not I/OUC
I/OUC
&
not I/O
I/OUC
I/O
yes
yes
Figure 7: I/O and I/OUC State Diagram
Figure 8: I/O – I/OUC Delays: Timing Diagram
Delay from I/O to I/OUC:
tIO_HL = 100 ns
tIO_LH = 25 ns
Delay from I/OUC to I/O:
tI/OUC_HL = 100 ns
tI/OUC_LH = 25 ns
IO
IOUC
tIO_HL
tIO_LH
tIOUC_HL
tIOUC_LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com