Electronic Components Datasheet Search
  English  ▼

X  

SM10 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # SM10
Description  Single Loop Controller Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SM10 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  SM10 Datasheet HTML 1Page - M-System Co.,Ltd. SM10 Datasheet HTML 2Page - M-System Co.,Ltd. SM10 Datasheet HTML 3Page - M-System Co.,Ltd. SM10 Datasheet HTML 4Page - M-System Co.,Ltd. SM10 Datasheet HTML 5Page - M-System Co.,Ltd. SM10 Datasheet HTML 6Page - M-System Co.,Ltd. SM10 Datasheet HTML 7Page - M-System Co.,Ltd. SM10 Datasheet HTML 8Page - M-System Co.,Ltd. SM10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: SM10
SM10 SPECIFICATIONS
ES-6342 Rev.7 Page 3/9
http://www.m-system.co.jp/
width
Display range:
PV input, CAS input and MV output: -15.0 to +115.0 % (0.1
% increments)
(scaling function not available)
Transition ramp rate and retroactive time: 0 - 30 sec. (1 sec.
increments)
Zero indication: Higher-digit zeros are suppressed.
INPUT SPECIFICATIONS
PV input, CAS input: -15.0 to +115.0 %
■ MAN COMMAND INPUT
Sensing (open): Approx. 12 V DC
ON voltage: ≤ 2.3 V DC (ON resistance: ≤ 1.5 kΩ/ON
current: ≥ 1.5 mA)
OFF voltage: ≥ 11.3 V DC (OFF resistance: ≥ 15 kΩ/OFF
current: ≤ 0.75 mA)
OUTPUT SPECIFICATIONS
MV output: -15.0 to +115.0 %, 0.1 % increments
MV Conformance range: 0 – 100 %
■ RE-TRANSMITTED OUTPUT: 1 to 5 V DC output
Load resistance: ≥ 10 kΩ
(No output at power failure)
■ MANUAL MODE STATUS OUTPUT
Relay rating:
240 V AC @ 1 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 60 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 2 × 107 cycles
INSTALLATION
Power consumption
•AC:
≤ 9 VA at 100 V
≤ 12 VA at 200 V
≤ 13 VA at 264 V
•DC: ≤ 4 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 5 to 90 %RH (non-condensing)
Mounting: Panel flush mounting (high-density mounting in
horizontal direction)
Weight: 1.8 kg (4.0 lb)
PERFORMANCE in percentage of span
Accuracy: Input accuracy + output accuracy
• Input accuracy: ±0.1%
• Output accuracy:
±0.1 % DC output
±1 % ±1 digit (bargraph)
±0.1 % ±1 digit (digital indicator)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Manual output resolution: 0.1 %
Response time: ≤ 0.5 sec. (0 – 90 %)
Output memory at power OFF: E2PROM (non-volatile
memory)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
•With /T option
1500 V AC @ 1 minute (PV input or CAS input or MV output
or re-transmitted output to manual mode status output to
MAN command input to power to FG)
500 V AC @ 1 minute (PV input to CAS input)
•Without /T option
1500 V AC @ 1 minute (PV input or CAS input to MV output
or re-transmitted output to manual mode status output to
MAN command input to power to FG)
500 V AC @ 1 minute (PV input to CAS input)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com