Electronic Components Datasheet Search
  English  ▼

X  

SM10 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # SM10
Description  Single Loop Controller Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SM10 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  SM10 Datasheet HTML 1Page - M-System Co.,Ltd. SM10 Datasheet HTML 2Page - M-System Co.,Ltd. SM10 Datasheet HTML 3Page - M-System Co.,Ltd. SM10 Datasheet HTML 4Page - M-System Co.,Ltd. SM10 Datasheet HTML 5Page - M-System Co.,Ltd. SM10 Datasheet HTML 6Page - M-System Co.,Ltd. SM10 Datasheet HTML 7Page - M-System Co.,Ltd. SM10 Datasheet HTML 8Page - M-System Co.,Ltd. SM10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: SM10
SM10 SPECIFICATIONS
ES-6342 Rev.7 Page 7/9
http://www.m-system.co.jp/
PANEL CUTOUT unit: mm
68
[68+72×(n - 1)]
+0.7
0
Panel thickness 2.3 – 20
+1
0
■ PANEL CUTOUT unit: mm
• Single mounting
• Clustered mounting
n = number of units
■ CAUTION
• IP55 is ensured for the front panel of the unit mounted independently according to a panel. Test the sealing at the mounting
surface once the device is installed.
• Set the unit on a vertical surface with its digital meter is at the upper side. Mounting in other directions may cause heat built
up inside the unit and shorten its life span or degrade its performance.
• Ensure that there is sufficient space for ventilation inside a panel. Do not install above the devices that generate high heat
such as heaters, transformers or resistors. Leave at least 30 mm (1.2 inch) space above, below and behind the unit for
maintenance purpose (e.g. wiring, removing or installing).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com