Electronic Components Datasheet Search
  English  ▼

X  

SM10 Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # SM10
Description  Single Loop Controller Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SM10 Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  SM10 Datasheet HTML 1Page - M-System Co.,Ltd. SM10 Datasheet HTML 2Page - M-System Co.,Ltd. SM10 Datasheet HTML 3Page - M-System Co.,Ltd. SM10 Datasheet HTML 4Page - M-System Co.,Ltd. SM10 Datasheet HTML 5Page - M-System Co.,Ltd. SM10 Datasheet HTML 6Page - M-System Co.,Ltd. SM10 Datasheet HTML 7Page - M-System Co.,Ltd. SM10 Datasheet HTML 8Page - M-System Co.,Ltd. SM10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: SM10
SM10 SPECIFICATIONS
ES-6342 Rev.7 Page 8/9
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
29
30
33
32
44
43
47
46
Digital
Computation
3
4
Ry
+
−
MANUAL MODE STATUS OUTPUT
12
13
26
14
1
15
2
40
41
27
28
5
6
18
16
19
17
22
20
23
21
7
8
24
10
25
11
51
52
38
39
34
35
36
37
31
42
45
48
49
50
9
*1. MV and Re-transmitted output circuits are not included in this schematic circuit diagram.
Do not close across Re-transmitted (MVA–) and MV output(–) terminals.
MAN COMMAND
INPUT
+
−
CAS INPUT
+
−
+
−
PV INPUT
+
−
MVA+
MVA−
RE-TRANSMITED OUTPUT 1 – 5V DC
+
−
MV OUTPUT
*1
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Input A/D
Converter
Discrete
Input
Circuit
Isolation
Isolation
Bargraph
Digital Meter
(IND)
(OUT)
(UP)
(FAST)
(DOWN)
U(+)
V(–)
FG
POWER
D/A
Converter
D/A
Converter
Isolation
• ‘MV Output off at Power Down’ option without 'CAS input'



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com