Electronic Components Datasheet Search
  English  ▼

X  

SM10 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SM10
Description  Single Loop Controller Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SM10 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SM10 Datasheet HTML 1Page - M-System Co.,Ltd. SM10 Datasheet HTML 2Page - M-System Co.,Ltd. SM10 Datasheet HTML 3Page - M-System Co.,Ltd. SM10 Datasheet HTML 4Page - M-System Co.,Ltd. SM10 Datasheet HTML 5Page - M-System Co.,Ltd. SM10 Datasheet HTML 6Page - M-System Co.,Ltd. SM10 Datasheet HTML 7Page - M-System Co.,Ltd. SM10 Datasheet HTML 8Page - M-System Co.,Ltd. SM10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: SM10
SM10 SPECIFICATIONS
ES-6342 Rev.7 Page 2/9
http://www.m-system.co.jp/
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
SPARE PARTS
• Scale plate
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP55; applicable to the front panel for
single unit mounted according to the specified panel cutout
Connection: M3.5 screw terminals (torque 1.0 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray), steel
■ CASCADE/MANUAL CONTROL SWITCHING
•Control mode is selectable with CAS/MAN (OUT) button
from Cascade mode (CAS LED turns on) and Manual mode
(MAN LED turns on). Between power on and the control
mode starts, the unit keeps power failure status.
■ REMOTE CONTROL-MODE SWITCHING
•In cascade control mode (CAS LED turns on) switched with
CAS/MAN (OUT) button, manual control mode is available
with the discrete input (Manual Control).
■ RETROACTIVE TIME (switching CAS to MAN)
When the control mode is switched cascade to manual, the
MV changes to the value corresponding to CAS input at the
Retroactive Time before (except response time).
•Adjustable range: 0 to 30 sec., 1 sec. increments with front
panel buttons
•Default setting: 0 sec.
■ TRANSITION RAMP RATE (switching MAN to CAS)
When the control mode is switched manual to cascade, the
MV gradually changes to the value corresponding to CAS
input. The time (transition ramp rate) is adjustable.
•Adjustable range: 0 to 30 sec./100 %, 1 sec. increments
with front panel buttons
•Default setting: 1 sec./100 %
The output value at receiving MAN command during
transition ramp period is different between commands.
•Front button: MV value
•Discrete input: CAS input
■ MANUAL OUTPUT OPERATION TIME (KEY SPEED)
In MAN mode
· Output variable time by operation of UP/DOWN button:
1% / 1 second
Transition time from 0 to 100% is 100 seconds.
· Output variable rate by acceleration button (FAST)
By pressing simultaneously with UP or DOWN button,
variable rate is 10% / 1 second.
Transition time from 0 to 100% is 10 seconds.
■ ISOLATION
PV input to CAS input to MV output or re-transmitted output
to manual mode status output to MAN command input to
power to FG
(For /T option, non-isolated between CAS input and MV
output and re-transmitted output)
■ SCALE PLATE: Flame resistant resin
(replaceable at the front; white scale & characters on black
base)
Scale: Max. 4 characters including decimal point and
negative sign
• Divisions: Min. 22, max. 100
• Engineering unit: Max. 6 characters (Unit other than %
also can be specified)
■ LED INDICATOR
PV selection indicator: Turns green when the digital meter
shows PV
CAS selection indicator: Turns green when the digital meter
shows CAS
MV selection indicator: Turns green when the digital meter
shows MV
CAS indicator: Turns green with CAS input
MAN indicator: Turns green with MAN input
Retroactive time LED (RA): Turns green while adjusting
retroactive time and blinks while adjusting brightness.
Transition ramp rate LED (RR): Turns green while adjusting
transition ramp rate
■ INDICATION SELECTOR
With the Input indication selector (IND) the value for PV
input, CAS input and MV output is displayed on the digital
meter LED. Turns on each selection indicator.
■ LED BRIGHTNESS ADJUSTMENTS
3 levels of brightness available for the bargraph and the
digital meter. (except retroactive time LED, transition ramp
rate LED, CAS/MAN indicator LED)
BARGRAPH/DIGITAL DISPLAY
■ BARGRAPH: PV input, CAS input or MV output
LED: 101 segments, 100 mm (3.94") height, 3.0 mm (.12")
width
Display range: 0 to 100 (scaling function not available)
■ DIGITAL INDICATOR: PV input, CAS input, MV output,
retroactive time, transition ramp rate and LED brightness
adjustments are displayed by switching.
LED: Red; 4 digits; 10 mm (0.39") height, 24 mm (0.94")



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com