Electronic Components Datasheet Search
  English  ▼

X  

SM10 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SM10
Description  Single Loop Controller Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SM10 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SM10 Datasheet HTML 1Page - M-System Co.,Ltd. SM10 Datasheet HTML 2Page - M-System Co.,Ltd. SM10 Datasheet HTML 3Page - M-System Co.,Ltd. SM10 Datasheet HTML 4Page - M-System Co.,Ltd. SM10 Datasheet HTML 5Page - M-System Co.,Ltd. SM10 Datasheet HTML 6Page - M-System Co.,Ltd. SM10 Datasheet HTML 7Page - M-System Co.,Ltd. SM10 Datasheet HTML 8Page - M-System Co.,Ltd. SM10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: SM10
SM10 SPECIFICATIONS
ES-6342 Rev.7 Page 1/9
http://www.m-system.co.jp/
Single Loop Controller Series
MANUAL LOADER
(with 4-digit digital meter, LED bar indicator)
Functions & Features
•Manual loader with backup
•Panel designed to match the SC series controllers
•Displays a process variable in graphic bargraph of 101 LED
segments
•Control signal output at power failure (option /T)
•IP55 front cover
•Scale plate is easily replaceable
Typical Applications
•Panel operation for small-scale instrumentation
•Backup device for PID controller
274 (10.79)
144
(5.67)
72
(2.83)
mm (inch)
MODEL: SM10-[1][2][3][4][5][6]-[7][8]
ORDERING INFORMATION
• Code number: SM10-[1][2][3][4][5][6]-[7][8]
Specify a code from below for each [1] through [8].
(e.g. SM10-RGB5WAA-M2/T/Q)
• Bargraph range (Refer to 'SCALE PLATE')
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] BAR LED COLOR (PV)
R: Red
Y: Amber
G: Green
B: Blue
[2] BAR LED COLOR (CAS)
Same color availability as PV input
[3] BAR LED COLOR (MV)
Same color availability as PV input
[4] PV INPUT
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
D: 0 – 20 mA DC (Input resistance 10 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
[5] CAS INPUT
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
For /T option, maximum input resistance 65 Ω)
D: 0 – 20 mA DC (Input resistance 10 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC(Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
[6] MV OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 20 kΩ min.)
5: 0 – 5 V DC (Load resistance 10 kΩ min.)
6: 1 – 5 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 10 kΩ min.)
[7] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[8] OPTIONS (multiple selections)
MV Output at Power Down
blank: Output off
/T: CAS input
(Applicable CAS input and MV output: 4 - 20 mA DC)
Other Options


Similar Part No. - SM10

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM10 MIC-SM10 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM10 ETC-SM10 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
logo
Bourns Electronic Solut...
SM10 BOURNS-SM10 Datasheet
538Kb / 3P
SM8, SM10 Series Riedon™ Precision Wirewound Resistors by Bourns
REV. 09/25
logo
Riedon Powertron
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results

Similar Description - SM10

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC01001 REDLION-DLC01001 Datasheet
1Mb / 28P
DUAL LOOP CONTROLLER
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200D MSYSTEM-SC200D Datasheet
419Kb / 11P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SD10 MSYSTEM-SD10 Datasheet
201Kb / 9P
Single Loop Controller Series BARGRAPH INDICATING ALARM
SML MSYSTEM-SML Datasheet
362Kb / 17P
Single Loop Controller Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com