Electronic Components Datasheet Search
  English  ▼

X  

AT25QF641 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 35Page - Dialog Semiconductor AT25QF641 Datasheet HTML 36Page - Dialog Semiconductor AT25QF641 Datasheet HTML 37Page - Dialog Semiconductor AT25QF641 Datasheet HTML 38Page - Dialog Semiconductor AT25QF641 Datasheet HTML 39Page - Dialog Semiconductor AT25QF641 Datasheet HTML 40Page - Dialog Semiconductor AT25QF641 Datasheet HTML 41Page - Dialog Semiconductor AT25QF641 Datasheet HTML 42Page - Dialog Semiconductor AT25QF641 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
39
AT25QF641
DS-25QF641–127E–3/2018
Figure 7-38. Deep Power Down Instruction (QPI Mode)
7.24
Release Deep Power Down / Device ID (ABh)
The Release Deep Power Down / Device ID instruction is a multi-purpose instruction. It can be used to release the
device from the Deep Power Down state or obtain the device identification (ID).
The instruction is issued by driving the CS pin low, sending the instruction code “ABh” and driving CS high as shown in
figure Figure 7-39 and Figure 7-40. Release from Deep Power Down require the time duration of tRES1 (See AC
Characteristics) for re-work a normal operation and accepting other instructions. The CS pin must keep high during the
tRES1 time duration.
The Device ID can be read during SPI mode only.
In other words, Device ID feature is not available in QPI mode for Release
Deep Power Down/Device ID instruction.
To obtain the Device ID in SPI mode, instruction is initiated by driving the CS pin
low and sending the instruction code “ABh” with following 3-dummy bytes. The Device ID bits are then shifted on the
falling edge of SCK with most significant bit (MSB) first as shown in Figure 7-41. After CS is driven high it must keep
high for a time duration of tRES2 (See Section , ). The Device ID can be read continuously. The instruction is completed
by driving CS high.
If the Release from Deep Power Down /Device ID instruction is issued while an Erase, Program or Write cycle is in process
(when BUSY equals 1) the instruction is ignored and will not have any effects on the current cycle.
Figure 7-39. Release Power Down Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com