Electronic Components Datasheet Search
  English  ▼

X  

AT25QF641 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 18Page - Dialog Semiconductor AT25QF641 Datasheet HTML 19Page - Dialog Semiconductor AT25QF641 Datasheet HTML 20Page - Dialog Semiconductor AT25QF641 Datasheet HTML 21Page - Dialog Semiconductor AT25QF641 Datasheet HTML 22Page - Dialog Semiconductor AT25QF641 Datasheet HTML 23Page - Dialog Semiconductor AT25QF641 Datasheet HTML 24Page - Dialog Semiconductor AT25QF641 Datasheet HTML 25Page - Dialog Semiconductor AT25QF641 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
22
AT25QF641
DS-25QF641–127E–3/2018
Figure 7-10. Read Data Instruction
7.9
Fast Read (0Bh)
The Fast Read instruction is high speed reading mode that it can operate at the highest possible frequency of fR. The address
is latched on the rising edge of the SCK. After the 24-bit address, this is accomplished by adding “dummy” clocks as shown in
Figure 7-11. The dummy clocks means the internal circuits require time to set up the initial address. During the dummy clocks,
the data value on the SO pin is a “don’t care”. Data of each bit shifts out on the falling edge of SCK.
Figure 7-11. Fast Read Instruction (SPI Mode)
7.10
Fast Read in QPI Mode
When QPI mode is enabled, the number of dummy clock is configured by the “Set Read Parameters (C0h)” instruction to
accommodate wide range applications with different needs for either maximum Fast Read frequency or minimum data
access latency. Depending on the Read Parameter Bit P[4] and P[5] setting, the number of dummy clocks can be
configured as either 4, or 6 or 8. The default number of dummy clocks upon power up or after a Reset instruction is 4.
(Please refer to Figure 7-12 and Figure 7-13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com