Electronic Components Datasheet Search
  English  ▼

X  

AT25QF641 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 62Page - Dialog Semiconductor AT25QF641 Datasheet HTML 63Page - Dialog Semiconductor AT25QF641 Datasheet HTML 64Page - Dialog Semiconductor AT25QF641 Datasheet HTML 65Page - Dialog Semiconductor AT25QF641 Datasheet HTML 66Page - Dialog Semiconductor AT25QF641 Datasheet HTML 67Page - Dialog Semiconductor AT25QF641 Datasheet HTML 68Page - Dialog Semiconductor AT25QF641 Datasheet HTML 69Page - Dialog Semiconductor AT25QF641 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
66
AT25QF641
DS-25QF641–127E–3/2018
Notes:
1. Tested on sample basis and specified through design and characterization data, TA = 25˚C, VCC = 1.8V.
2. Checked Board Pattern.
Note:
1.
Output Hi-Z is defined as the point where data out is no longer driven
Current Write
Status Register
ICC4
CS=VCC
10
20
mA
Current page
Program
ICC5
CS=VCC
15
25
mA
Current Block
Erase
ICC6
CS=VCC
15
25
mA
Current Chip Erase
ICC7
CS=VCC
15
25
mA
Input Low Voltages
VIL
-0.5
VCC x0.2
V
Input High Voltages
VIH
VCC x0.8
VCC +0.4
V
Output Low Voltages
VOL
IOL= 100µA
0.2
V
Output High Voltages
VOH
IOH=-100µA
VCC -0.2
V
8.6
AC Measurement Conditions
Parameter
Symbol
Min
Max
Units
Load Capacitance
CL
30
pF
Input Rise and Fall Times
TR, TF
5
ns
Input Pulse Voltages
VIN
0.2 VCC to 0.8 VCC
V
Input Timing Reference Voltages
IN
0.3 VCC to 0.7 VCC
V
Output Timing Reference Voltages
OUT
0.5 VCC to 0.5 VCC
V
8.5
DC Electrical Characteristics (Continued)
Parameter
Symbol
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com