Electronic Components Datasheet Search
  English  ▼

X  

AT25QF641 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 63Page - Dialog Semiconductor AT25QF641 Datasheet HTML 64Page - Dialog Semiconductor AT25QF641 Datasheet HTML 65Page - Dialog Semiconductor AT25QF641 Datasheet HTML 66Page - Dialog Semiconductor AT25QF641 Datasheet HTML 67Page - Dialog Semiconductor AT25QF641 Datasheet HTML 68Page - Dialog Semiconductor AT25QF641 Datasheet HTML 69Page - Dialog Semiconductor AT25QF641 Datasheet HTML 70Page - Dialog Semiconductor AT25QF641 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
67
AT25QF641
DS-25QF641–127E–3/2018
Figure 8-2.
AC Measurement I/O Waveform
8.7
AC Electrical Characteristics
Parameter
Symbol
Alt
Min
Typ
Max
Unit
Clock frequency
For all instructions, except Read Data (03h)
1.65V-1.95V VCC & Industrial Temperature
FR
fc
D.C.
104
MHz
Clock freq. Read Data instruction (03h)
fR
D.C.
50
MHz
Clock High, Low Time except Read Data (03h)
tCLH,
tCLL(1)
4.5
ns
Clock High, Low Time for Read Data (03h)
instructions
t
CRLH,
t
CRLL
(1)
8
ns
Clock Rise Time peak to peak
t
CLCH
(2)
0.1
V/ns
Clock Fall Time peak to peak
t
CHCL
(2)
0.1
V/ns
CS Active Setup Time relative to Clock
tSLCH
tCSS
5
ns
CS Not Active Hold Time relative to Clock
t
CHSL
5
ns
Data In Setup Time
t
DVCH
tDSU
2
ns
Data In Hold Time
t
CHDX
tDH
3
ns
CS Active Hold Time relative to Clock
t
CHSH
5
ns
CS Not Active Setup Time relative to Clock
t
SHCH
5
ns
CS Deselect Time (for Read instructions/ Write,
Erase and Program instructions)
tSHSL
tCSH
30
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
t
CLQV
tV1
6
ns
Clock Low to Output Valid ( Except Main Read ) (3)
t
CLQV
tV2
7
ns
Output Hold Time
t
CLQX
tHO
1.5
ns
HOLD Active Setup Time relative to Clock
t
HLCH
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com