Electronic Components Datasheet Search
  English  ▼

X  

AT25QF641 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 13Page - Dialog Semiconductor AT25QF641 Datasheet HTML 14Page - Dialog Semiconductor AT25QF641 Datasheet HTML 15Page - Dialog Semiconductor AT25QF641 Datasheet HTML 16Page - Dialog Semiconductor AT25QF641 Datasheet HTML 17Page - Dialog Semiconductor AT25QF641 Datasheet HTML 18Page - Dialog Semiconductor AT25QF641 Datasheet HTML 19Page - Dialog Semiconductor AT25QF641 Datasheet HTML 20Page - Dialog Semiconductor AT25QF641 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
17
AT25QF641
DS-25QF641–127E–3/2018
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
IO3 = x, x, x, x, x, x, x
x
8.
Quad Input/ Output Data
IO0 = (D4, D0T)
IO1 = (D5, D1T)
IO2 = (D6, D2T)
IO3 = (D7, D3T)
9.
Fast Read Quad I/O Data Output
IO0 = (x, x, x, x, D4, D0T)
IO1 = (x, x, x, x, D5, D1T)
IO2 = (x, x, x, x, D6, D2T)
IO3 = (x, x, x, x, D7, D3T)
10.
SC = security register
7.2
Write Enable (06h)
Write Enable instruction is for setting the Write Enable Latch (WEL) bit in the Status Register. The WEL bit must be set prior to
every Program, Erase and Write Status Register instruction. To enter the Write Enable instruction, CS goes low prior to the
instruction “06h” into Data Input (SI) pin on the rising edge of SCK, and then driving CS high.
Figure 7-1.
Write Enable Instruction for SPI Mode (left) and QPI Mode (right)
7.3
Write Enable for Volatile Status Register (50h)
This gives more flexibility to change the system configuration and memory protection schemes quickly without waiting
for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. To write the
volatile values into the Status Register bits, the Write Enable for Volatile Status Register (50h) instruction must be issued
prior to a Write Status Register (01h) instruction. Write Enable for Volatile Status Register instruction (Figure 7-2) will
not set the Write Enable Latch (WEL) bit. Once Write Enable for Volatile Status Register is set, a Write Enable
instruction should not have been issued prior to setting Write Status Register instruction (01h or 31h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com