Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 25 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 25 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 21Page - Microchip Technology EMC2302 Datasheet HTML 22Page - Microchip Technology EMC2302 Datasheet HTML 23Page - Microchip Technology EMC2302 Datasheet HTML 24Page - Microchip Technology EMC2302 Datasheet HTML 25Page - Microchip Technology EMC2302 Datasheet HTML 26Page - Microchip Technology EMC2302 Datasheet HTML 27Page - Microchip Technology EMC2302 Datasheet HTML 28Page - Microchip Technology EMC2302 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 25
EMC2301/2/3/5
6.0
REGISTERS
Table 6-1 shows the register map.
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER
Register Name
Reg.
Addr.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Lock
POR
Value
Configuration
20h
MASK
DIS_TO WD_EN
—
—
—
DRECK USECK SWL
40h
Fan Status
24h
WATCH
—
—
—
—
DVFAIL FNSPIN FNSTL
No
00h
Fan Stall Status
25h
—
—
—
F5STL
F4STL
F3STL
F2STL
F1STL
No
00h
Fan Spin Status
26h
—
—
—
F5SPIN F4SPIN F3SPIN F2SPIN F1SPIN
No
00h
Drive Fail Status
27h
—
—
—
DRVF5
DRVF4
DRVF3
DRVF2
DRVF1
No
00h
Fan Interrupt
Enable Register
29h
—
—
—
F5ITEN F4ITEN F3ITEN F2ITEN F1ITEN
No
00h
PWM Polarity
Config
2Ah
—
—
—PLRTY
5
PLRTY
4
PLRTY
3
PLRTY
2
PLRTY
1
No
00h
PWM Output
Config
2Bh
—
—
—
PM5OT PM4OT PM3OT PM2OT PM1OT
No
00h
PWM BaseF45
2Ch
—
—
—
—
PMB51
PMB50
PMB41
PMB40
No
00h
PWM BaseF123
2Dh
—
—
PMB31
PMB30
PMB21
PMB20
PMB11
PMB10
No
00h
Fan 1 Setting
30h
F1SP7
F1SP6
F1SP5
F1SP4
F1SP3
F1SP2
F1SP1
F1SP0
No
00h
PWM 1 Divide
31h
PM1D7 PM1D6 PM1D5 PM1D4 PM1D3 PM1D2 PM1D1 PM1D0
No
01h
Fan 1
Configuration 1
32h
ENAG1 RNG11 RNG10
EDG11
EDG10
UDT12
UDT11
UDT10
No
2Bh
Fan 1
Configuration 2
33h
—
ENRC1 GHEN1
DPT11
DPT10
ERG11
ERG10
—SWL
28h
Gain 1
35h
—
—
GDE11
GDE10
GIN11
GIN10
GPR11
GPR10 SWL
2Ah
Fan 1 Spin Up
Configuration
36h
DFC11
DFC10
NKCK1 SPLV12 SPLV11 SPLV10
SPT11
SPT10 SWL
19h
Fan 1 Max Step
37h
—
—
F1MS5
F1MS4
F1MS3
F1MS2
F1MS1
F1MS0 SWL
10h
Fan 1 Minimum
Drive
38h
F1MN7
F1MN6
F1MN5
F1MN4
F1MN3
F1MN2
F1MN1
F1MN0 SWL
66h
(40%)
Fan 1 Valid
TACH Count
39h
F1VT7
F1VT6
F1VT5
F1VT4
F1VT3
F1VT2
F1VT1
F1VT0
SWL
F5h
Fan 1 Drive Fail
Band Low Byte
3Ah
F1DF4
F1DF3
F1DF2
F1DF1
F1DF0
—
—
—SWL
00h
Fan 1 Drive Fail
Band High Byte
3Bh
F1DF12 F1DF11 F1DF10 F1DF9
F1DF8
F1DF7
F1DF6
F1DF5 SWL
00h
TACH 1 Target
Low Byte
3Ch
F1TT4
F1TT3
F1TT2
F1TT1
F1TT0
—
—
—No
F8h
TACH 1 Target
High Byte
3Dh
F1TT12 F1TT11 F1TT10
F1TT9
F1TT8
F1TT7
F1TT6
F1TT5
No
FFh
TACH 1
Reading High
Byte
3Eh
F1TR12 F1TR11 F1TR10 F1TR9
F1TR8
F1TR7
F1TR6
F1TR5
No
FFh
TACH 1
Reading Low
Byte
3Fh
F1TR4
F1TR3
F1TR2
F1TR1
F1TR0
—
—
—No
F8h
Fan 2 Setting
40h
F2SP7
F2SP6
F2SP5
F2SP4
F2SP3
F2SP2
F2SP1
F2SP0
No
00h
PWM 2 Divide
41h
PM2D7 PM2D6 PM2D5 PM2D4 PM2D3 PM2D2 PM2D1 PM2D0
No
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com