Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 37 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 37 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 33Page - Microchip Technology EMC2302 Datasheet HTML 34Page - Microchip Technology EMC2302 Datasheet HTML 35Page - Microchip Technology EMC2302 Datasheet HTML 36Page - Microchip Technology EMC2302 Datasheet HTML 37Page - Microchip Technology EMC2302 Datasheet HTML 38Page - Microchip Technology EMC2302 Datasheet HTML 39Page - Microchip Technology EMC2302 Datasheet HTML 40Page - Microchip Technology EMC2302 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 37
EMC2301/2/3/5
6.12
Fan Drive Setting Register
The Fan Drive Setting register always displays the cur-
rent setting of the respective fan driver. Reading from
any of the registers will report the current fan speed
setting of the appropriate fan driver regardless of the
operating mode. Therefore it is possible that reading
from this register will not report data that was
previously written into this register.
While the RPM-based Fan Speed Control algorithm is
active, this register is read-only. Writing to the register
will have no effect and the data will not be stored. The
contents of the register represent the weighting of each
bit in determining the final output voltage.
bit 1-0
PMB1[1:0]: Sets the PWM1 base frequency
11 = PWM 1 base is 2.441 kHz.
10 = PWM 1 base is 4.882 kHz.
01 = PWM 1 base is 19.53 kHz.
00 = PWM 1 base is 26.00 kHz.
REGISTER 6-10:
PWM BASEF123 - PWM 1, 2 AND 3 BASE FREQUENCY CONFIGURATION
REGISTER (ADDRESS 2DH) (CONTINUED)
REGISTER 6-11:
FAN DRIVE SETTING - FAN DRIVE SETTING REGISTER
(ADDRESSES 30H, 40H, 50H, 60H, 70H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
FxSP[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
FxSP]7:0]: Fan Speed Setting, where “x” represents PWM1 through 5 based on device features. PWM
duty cycle is calculated in Equation 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com