Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 45 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 45 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 41Page - Microchip Technology EMC2302 Datasheet HTML 42Page - Microchip Technology EMC2302 Datasheet HTML 43Page - Microchip Technology EMC2302 Datasheet HTML 44Page - Microchip Technology EMC2302 Datasheet HTML 45Page - Microchip Technology EMC2302 Datasheet HTML 46Page - Microchip Technology EMC2302 Datasheet HTML 47Page - Microchip Technology EMC2302 Datasheet HTML 48Page - Microchip Technology EMC2302 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 45
EMC2301/2/3/5
6.22
TACH Target Registers
The TACH Target Registers hold the target tachometer
value that is maintained by the RPM-based Fan Speed
Control algorithm.
The value in the TACH Target Registers will always
reflect the current TACH Target value.
If one of the algorithms is enabled, setting the TACH
Target Register to FFh will disable the fan driver (set
the fan drive setting to 0%). Setting the TACH Target to
any other value (from a setting of FFh) will cause the
algorithm to invoke the Spin Up Routine after which it
will function normally.
The Tach Target is not applied until the high byte is
written. Once the high byte is written, the current value
of both high and low bytes will be used as the next Tach
target (see Section 4.4 “Tachometer Measure-
ment”). The contents of Register and Register 6-22
represent the weighting of each bit in determining the
final target tachometer value that is maintained by the
RPM-based FSC algorithm.
TACH TARGET - TACHOMETER CLOSED LOOP TARGET HIGH BYTE REGISTER
(ADDRESSES 3DH, 4DH, 5DH, 6DH, 7DH)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
FxTT[12:5]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
FxTT[12:5]: Fan Drive Tach Target Counts, where “x” represents 1 through 5 based on device
features.
bit 7
4096
bit 6
2048
bit 5
1024
bit 4
512
bit 3
256
bit 2
128
bit 1
64
bit 0
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com