Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 31 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 31 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 27Page - Microchip Technology EMC2302 Datasheet HTML 28Page - Microchip Technology EMC2302 Datasheet HTML 29Page - Microchip Technology EMC2302 Datasheet HTML 30Page - Microchip Technology EMC2302 Datasheet HTML 31Page - Microchip Technology EMC2302 Datasheet HTML 32Page - Microchip Technology EMC2302 Datasheet HTML 33Page - Microchip Technology EMC2302 Datasheet HTML 34Page - Microchip Technology EMC2302 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 31
EMC2301/2/3/5
6.5
Fan Spin Status Register
The Fan Spin Status register indicates which fan driver
has failed to spin-up (see Section 4.8 “Spin Up Rou-
tine”). All bits are cleared upon a read if the Error
condition has been removed.
bit 3
F4STL: Fan 4 Stall Status
1 = Fan 4 tachometer count has exceeded maximum valid TACH count, indicating stall.
0 = Fan 4 Stall has not been detected.
bit 2
F3STL: Fan 3 Stall Status
1 = Fan 3 tachometer count has exceeded maximum valid TACH count, indicating stall.
0 = Fan 3 Stall has not been detected.
bit 1
F2STL: Fan 2 Stall Status
1 = Fan 2 tachometer count has exceeded maximum valid TACH count, indicating stall.
0 = Fan 2 Stall has not been detected.
bit 0
F1STL: Fan 1 Stall Status
1 = Fan 1 tachometer count has exceeded maximum valid TACH count, indicating stall.
0 = Fan 1 Stall has not been detected.
REGISTER 6-3:
FAN STALL STATUS - FAN STALL STATUS REGISTER (ADDRESS 25H)
REGISTER 6-4:
FAN SPIN STATUS - FAN SPIN-UP STATUS REGISTER (ADDRESS 26H)
U-0
U-0
U-0
RC-0
RC-0
RC-0
RC-0
RC-0
—
—
—
F5SPIN
F4SPIN
F3SPIN
F2SPIN
F1SPIN
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented bits, read as ‘0’.
bit 4
F5SPIN: Fan 5 Spin-Up Status
1 = Fan 5 spin-up routine failed to start the fan.
0 = Fan 5 spin-up routine successful.
bit 3
F4SPIN: Fan 4 Spin-Up Status
1 = Fan 4 spin-up routine failed to start the fan.
0 = Fan 4 spin-up routine successful.
bit 2
F3SPIN: Fan 3 Spin-Up Status
1 = Fan 3 spin-up routine failed to start the fan.
0 = Fan 3 spin-up routine successful.
bit 1
F2SPIN: Fan 2 Spin-Up Status
1 = Fan 2 spin-up routine failed to start the fan.
0 = Fan 2 spin-up routine successful.
bit 0
F1SPIN: Fan 1 Spin-Up Status
1 = Fan 1 spin-up routine failed to start the fan.
0 = Fan 1 spin-up routine successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com