Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 9 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 9 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 5Page - Microchip Technology EMC2302 Datasheet HTML 6Page - Microchip Technology EMC2302 Datasheet HTML 7Page - Microchip Technology EMC2302 Datasheet HTML 8Page - Microchip Technology EMC2302 Datasheet HTML 9Page - Microchip Technology EMC2302 Datasheet HTML 10Page - Microchip Technology EMC2302 Datasheet HTML 11Page - Microchip Technology EMC2302 Datasheet HTML 12Page - Microchip Technology EMC2302 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 9
EMC2301/2/3/5
FIGURE 2-11:
PWM Frequency vs.
Ambient Temperature VDD = 3.3V, Base
Frequency = 26 kHz.
FIGURE 2-12:
FSC Algorithm Spin Up
Routine. Spin Time = 1.0s; Spin Level = 55%;
Updated Time = 200 ms. RPM Target from
0 RPM -> 8000 RPM @ time t = 0.
FIGURE 2-13:
FSC Algorithm PWM
Ramping. Update Time = 200 ms; Max Step = 16
PWM counts.
RPM Target from 0 RPM -> 8000 RPM @ time
t = 0.
FIGURE 2-14:
PWM Frequency vs. Supply
Voltage TA = 25°C, Base Frequency = 26 kHz.
FIGURE 2-15:
FSC Algorithm Spin Up
Routine – NoKick. Spin Time = 1.0s;
Spin Level = 50%; UpdateTime = 200 ms.
RPM Target from 0 RPM -> 8000 RPM @ time
t = 0.
PWM
Output
10x
Zoom on
PWM
Output
t = 0
Duty Cycle Measured = 53.8%
PWM
Output
10x
Zoom on
PWM
Output
Spin Up Routine Ends – begins normal
operation
Update Time ends, PWM duty cycle changed
Update Time ends, PWM duty
cycle changed
Duty Cycle
Measured
25000
25200
25400
25600
25800
26000
26200
26400
26600
26800
27000
2.95
3.05
3.15
3.25
3.35
3.45
3.55
3.65
Supply Voltage (V)
PWM
Output
10x
Zoom on
PWM
Output
t = 0
Duty Cycle Measured = 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com