Electronic Components Datasheet Search
  English  ▼

X  

IMX70 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # IMX70
Description  70 to 90 Watt DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX70 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  IMX70 Datasheet HTML 1Page - Bel Fuse Inc. IMX70 Datasheet HTML 2Page - Bel Fuse Inc. IMX70 Datasheet HTML 3Page - Bel Fuse Inc. IMX70 Datasheet HTML 4Page - Bel Fuse Inc. IMX70 Datasheet HTML 5Page - Bel Fuse Inc. IMX70 Datasheet HTML 6Page - Bel Fuse Inc. IMX70 Datasheet HTML 7Page - Bel Fuse Inc. IMX70 Datasheet HTML 8Page - Bel Fuse Inc. IMX70 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00002 Rev AJ, 28-May-2018
Page 2 of 17
IMX70 / IMY70 Series
70 to 90 Watt DC-DC Converters
© 2018 Bel Power Solutions & Protection
Description
The converters are designed according to the international safety standards IEC/EN/UL 60950-1 2nd Edition. The 24IMX70
converters exhibit basic insulation for the specified input voltage, whereas the 110IMY70 converters have reinforced insulation.
The circuit is comprised of 2 planar magnetic devices. The components are automatically assembled and securely soldered onto
a single PCB without any wire connection. Magnetic feedback ensures maximum repeatability in the control loop over all operating
conditions and best reliability. Careful consideration of possible thermal stress ensure the absence of hot spots, such providing
long life in environments, where temperature cycles are present. The thermal design without using any potting material allows
operation up to an ambient temperature of 70 °C in free air and up to 100 °C with forced cooling. For extremely high vibration
environments the case has holes for screw mounting.
Model Selection
Table 1: Model Selection
Output 1
Output 2
Input voltage
Efficiency η 1
Model
Options
V
o nom
[V]
I
o nom
[A]
V
o nom
[V]
I
o nom
[A]
V
i min
2
[V]
V
i cont
[V]
V
i max
2
[V]
min
[%]
typ
[%]
5.1
12
-
-
43.2
50 to 137.5
154
89.5
91
110IMY70-05-0TG
i, Z
12
12
7.0
7.5
-
-
-
-
12
43.2
15 to 33.6
50 to 137.5
40.1
154
91
90
93
93
24IMX70-12-0TG
110IMY70-12-0TG
i, Z
15
15
5.7
6.0
-
-
-
-
12
43.2
15 to 33.6
50 to 137.5
40.1
154
91
90
92
93
24IMX70-15-0TG
110IMY70-15-0TG
i, Z
24
24
1.3
1.3
24
24
1.3
1.3
12
43.2
15 to 33.6
50 to 137.5
40.1
154
87
89
90
91
24IMX70-24-24-0G
110IMY70-24-24-0G
i, Z
1
Efficiency at T
A = 25 °C, Vo nom, Io nom
2
Short time; see table 2 for details
Part Number Description
Input voltage V
i
24 V battery ...............................................................24
72 V, 96 V, 110 V battery .......................................... 110
Series ..............................................................IMX70, IMY70
Output voltage of output 1 ................................05, 12, 15, 24
Output voltage of output 2 ................................05, 12, 15, 24
Operating ambient temperature range
T
A = – 40 to 95 °C .........................................................-0
Options:
Inhibit ............................................................................i
Current sharing function .............................................. T1
Open frame .................................................................. Z
Feature:
RoHS-compliant for all 6 substances ......................... G 2
110 IMY70 - 24 - 24 0 i Z G
1
Standard feature for single-output models, not available for dual-output models
2
G is standard and is placed at the end of the part number
Note: The sequence of options must follow the order above.
Product Marking
Converters without option Z are marked with the type designation, input and output voltages and currents, applicable safety
approval and recognition marks, company logo, date code, and serial no.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com