Electronic Components Datasheet Search
  English  ▼

X  

IMX70 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # IMX70
Description  70 to 90 Watt DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX70 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button IMX70 Datasheet HTML 7Page - Bel Fuse Inc. IMX70 Datasheet HTML 8Page - Bel Fuse Inc. IMX70 Datasheet HTML 9Page - Bel Fuse Inc. IMX70 Datasheet HTML 10Page - Bel Fuse Inc. IMX70 Datasheet HTML 11Page - Bel Fuse Inc. IMX70 Datasheet HTML 12Page - Bel Fuse Inc. IMX70 Datasheet HTML 13Page - Bel Fuse Inc. IMX70 Datasheet HTML 14Page - Bel Fuse Inc. IMX70 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00002 Rev AJ, 28-May-2018
Page 11 of 17
IMX70 / IMY70 Series
70 to 90 Watt DC-DC Converters
© 2018 Bel Power Solutions & Protection
Sense Lines
The sense inputs of single-output models allow for compensating a voltage drop up to 1 V (0.6 V for models withV
o nom = 5.1 V).
Synchronization (W)
Double-output models can be synchronized to an external TTL signal (220 ±10 kHz, duty cycle 10 – 15%). Due to the higher
switching frequency, the efficiency will slightly drop.
Note: If this feature is not used, W (pin 6) can be connected to Vi– (pin 2) or left open-circuit.
Shutdown (S
_
D
_
)
The outputs of the converters may be enabled or disabled by a logic signal (TTL, CMOS, etc.) applied between the shutdown pin
8 and Vi–. If the shutdown function is not required, pin 8 should be left open-circuit. Voltage on pin 8:
Converter operating:
2.0 to 20 V
Converter disabled:
–0.7 to +0.7 V
Progr. Input Voltage Lockout PUL
A special feature of these converters is the adjustable undervoltage lockout function, protecting the converter (and system) from
high currents caused by operation at too low input voltage. This ensures easierstart-up in distributed power systems.
The undervoltage lockout level can be programmed by an external resistor R
PUL (between PUL and Vi –) to increase the preset
levels, as indicated in the table below (with hysteresis). The overvoltage lockout (OVL) cannot be varied.
Table 8: Turn-on and shutdown voltage (pin 1 left open)
Model
Turn-on level
Hysteresis
OVL
Unit
24IMX70
3.5 – 14.5
typ. 2.5
41 – 43
V
110IMY70
44.5 – 47.5
typ. 6
160 – 175
Table 9: Typical values for R
PUL and the respective turn-on input voltage Vi LO.
24IMX70
R
PUL [kΩ ]
110IMY70
R
PUL [kΩ ]
V
i LO [V]
single-output double-output
V
i LO [V]
single-output double-output
14
∞
∞
46
∞
∞
16
40.5
120
50
68
270
18
60
62
57
25.5
110
20
65
41
61
18
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com