Electronic Components Datasheet Search
  English  ▼

X  

IMX70 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # IMX70
Description  70 to 90 Watt DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX70 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button IMX70 Datasheet HTML 5Page - Bel Fuse Inc. IMX70 Datasheet HTML 6Page - Bel Fuse Inc. IMX70 Datasheet HTML 7Page - Bel Fuse Inc. IMX70 Datasheet HTML 8Page - Bel Fuse Inc. IMX70 Datasheet HTML 9Page - Bel Fuse Inc. IMX70 Datasheet HTML 10Page - Bel Fuse Inc. IMX70 Datasheet HTML 11Page - Bel Fuse Inc. IMX70 Datasheet HTML 12Page - Bel Fuse Inc. IMX70 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00002 Rev AJ, 28-May-2018
Page 9 of 17
IMX70 / IMY70 Series
70 to 90 Watt DC-DC Converters
© 2018 Bel Power Solutions & Protection
Cross Regulation of Double-Output Models
See fig. 9. General conditions:
– T
A = 25 °C, unless TC is specified.
– Shutdown and R pin left open-circuit.
Efficiency
0.85
0.9
0.95
1.0
1.05
1.1
Vo / Vo nom
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 Io / Io nom
0
JM030a
Vo2
Vo1
Fig. 9
Cross regulation of double-output models (typ.) V
o2 versus Io2, Io1 = 0.5 Io1 nom
60
70
80
90
0.4
0.8
Io / Io nom
0
JM096
Vi = 24 V
100
η
[%]
0.6
0.2
Vi = 33.6 V
Vi = 15 V
60
70
80
90
4
8
0
JM163
100
η
[%]
6
2
Vi = 137 V
Vi = 50 V
Io / Io nom
Vi = 110 V
Fig. 10a
Efficiency versus input voltage and load. Typical values
(24IMX70-24-24)
Fig. 10b
Efficiency versus input voltage and load. Typical values
(110IMY70-05)
60
70
80
90
4
8
0
JM098
Vi = 110 V
100
η
[%]
6
2
Vi = 137 V
Vi = 50 V
Io / Io nom
60
70
80
90
0.4
0.8
Io / Io nom
0
JM040a
Vi = 110 V
100
η
[%]
0.6
0.2
Vi = 150 V
Vi = 50 V
Fig. 10c
Efficiency versus input voltage and load. Typical values
(110IMY70-12)
Fig. 10d
Efficiency versus input voltage and load. Typical values
(110IMY70-24-24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com